Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 23Page - STMicroelectronics L99H92 Datasheet HTML 24Page - STMicroelectronics L99H92 Datasheet HTML 25Page - STMicroelectronics L99H92 Datasheet HTML 26Page - STMicroelectronics L99H92 Datasheet HTML 27Page - STMicroelectronics L99H92 Datasheet HTML 28Page - STMicroelectronics L99H92 Datasheet HTML 29Page - STMicroelectronics L99H92 Datasheet HTML 30Page - STMicroelectronics L99H92 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
5
Electrical characteristics
5.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 17 may cause permanent damage to the device. These are
stress ratings only and operation of the device at these or any other conditions above those indicated in the
operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 17. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDH, VS
Power supply voltage
- 0.3 to 28
V
Single pulse tmax < 400 ms
40
VDD
I/O supply voltage
-0.3 to 18
V
SDI, SDO, CLK, CSN,
EN, DIR/IN2, PWM/IN1, DIAGN, FSINB
Digital input/ output voltage
-0.3 to VDD + 0.3
V
CSO1, CSO2
Analog output voltage
-0.3 to VDD + 0.3
V
CSI1+, CSI1-, CSI2+, CSI2-
HV signal pins
-6 to 40
V
CSI1+, CSI1-, CSI2+, CSI2-
Differential input voltage range HV signal pins
-19 to +19
V
GL2, GH2, GL1,
GH1 (Gxy)
HV signal pins
Sxy – 0.3 to Sxy + 13;
VCPOUT + 0.3
V
SL2, SH2, SL1, SH1
HV signal pins
-6 to 40
V
CP2-, CP1-
HV signal pins
-0.3 to 42
V
CP1+
HV signal pin
VDH ≤ 26 V
VDH-0.3 to VDH+14
V
VDH > 26 V
VDH-0.3 to +42
CP2+
HV signal pin
VDH ≤ 26 V
VDH-0.6 to VDH+14
V
VDH > 26 V
VDH-0.6 to +42
CPOUT
HV signal pin
VDH ≤ 26 V
VDH-0.3 to VDH+14
V
VDH > 26 V
VDH-0.3 to +42
5.2
ESD protection
Table 18. ESD protection
Parameter
Value
Unit
Electrostatic discharge test (AECQ100-002-E) all pins
±2
kV
Electrostatic discharge test (AECQ100-002-E) output pins SHx (X = 1,2),
CSI1x (X = +,-) , CSI2x (X = +,-)
±4
kV
Charge device model (CDM-AEC-Q100-011) all pins
±500
V
Charge device model (CDM-AEC-Q100-011) corner pins
±750
V
L99H92
Electrical characteristics
DS14069 - Rev 4
page 27/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com