Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 32Page - STMicroelectronics L99H92 Datasheet HTML 33Page - STMicroelectronics L99H92 Datasheet HTML 34Page - STMicroelectronics L99H92 Datasheet HTML 35Page - STMicroelectronics L99H92 Datasheet HTML 36Page - STMicroelectronics L99H92 Datasheet HTML 37Page - STMicroelectronics L99H92 Datasheet HTML 38Page - STMicroelectronics L99H92 Datasheet HTML 39Page - STMicroelectronics L99H92 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
5.7.1
Open-load monitoring external full-bridges
The voltages are referred to power ground and currents are assumed positive, when the current flows into the pin.
6 V ≤ VDH ≤ 28 V; 6 V ≤ VS ≤ 28 V; TJ = -40 °C to 150 °C, unless otherwise specified.
Table 29. Open-load monitoring external full-bridges
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.7.23
VODSL
Low-side drain-source
monitor low off-
threshold voltage
VSLx = 0 V;
VDH = 13.5 V
0.1 VDH
0.15 VDH
0.2 VDH
V
5.7.24
VODSH
Low-side drain-source
monitor high off-
threshold voltage
VSLx = 0 V;
VDH = 13.5 V
0.76 VDH
0.81 VDH
0.85 VDH
V
5.7.25
VOLSHx
Output voltage of
selected SHx in open-
load test mode
VSLx = 0 V;
VDH = 13.5 V
0.49 VDH
0.5 VDH
0.51 VDH
V
5.7.26
RpdOL
Pull-down resistance of
the non-selected SHx
pin in open-load mode
VSLx = 0 V;
VDH = 13.5 V;
VSHX = 4.5 V
15
20
25
kΩ
5.8
Current sense amplifiers (CSA)
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V ≤
VDH ≤ 18 V; TJ = -40 °C to 150 °C, unless otherwise specified
Table 30. Current sense amplifiers
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.8.1
VICM
Common mode input
voltage
-2
VDH+2
V
5.8.2
G0
Operational amplifiers
gains
GCSAn [1:0]=0 n=1,2;
VDH=12.5V
-6%
10
6%
5.8.3
G1
GCSAn [1:0]=1 n=1,2;
VDH=12.5V
-6%
20
6%
5.8.4
G2
GCSAn [1:0]=2 n=1,2;
VDH=12.5V
-4%
50
4%
5.8.5
G3
GCSAn [1:0]=3 n=1,2;
VDH=12.5V
-4%
100
4%
5.8.6
dG/dT
Gains thermal drifts
VDH=12.5V
-1%(1)
1%(1)
5.8.7
VO0
Offset on op-amp
output
CSAnOO = 0; n=1,2
VDD/22
V
5.8.8
VO1
CSAnOO = 1 n=1,2;
VDH=12.5V
VDD/2
V
5.8.9
VIO0
Input offset
GCSAn [1:0]=0 n=1,2;
VDH=12.5 V
VO0
-10
+10
mV
5.8.10
VIO1
GCSAn [1:0]=1 n=1,2;
VDH=12.5V
VO0
-8.5
+8.5
mV
5.8.11
VIO2
GCSAn [1:0]=2 n=1,2;
VDH=12.5 V
VO0
-3
+3
mv
L99H92
Current sense amplifiers (CSA)
DS14069 - Rev 4
page 36/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com