Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 12Page - STMicroelectronics L99H92 Datasheet HTML 13Page - STMicroelectronics L99H92 Datasheet HTML 14Page - STMicroelectronics L99H92 Datasheet HTML 15Page - STMicroelectronics L99H92 Datasheet HTML 16Page - STMicroelectronics L99H92 Datasheet HTML 17Page - STMicroelectronics L99H92 Datasheet HTML 18Page - STMicroelectronics L99H92 Datasheet HTML 19Page - STMicroelectronics L99H92 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
2.11
Window watchdog (WDG)
Out of standby mode, the L99H92 watchdog monitors the microcontroller status within a periodic window.
By default, as soon as the device enters in active mode, the watchdog is enabled and starts running with a long
open window (tLOW). The long open window provides more time to the microcontroller for the L99H92 initialization
and allows the watchdog disabling procedure to be run, when no watchdog is required by the application. To
trigger the watchdog for the first time during a Long Open Window (LOW), the microcontroller has to write 5555h
to the watchdog trigger/disable register (WDGTRDIS) before the end of the long open window. After the first valid
watchdog trigger, the watchdog will enter in window mode. In window mode the microcontroller has to serve the
watchdog by alternating the watchdog trigger bits (that is, 2AAAh,5555h,…) of the watchdog trigger/disable
register (WDGTRDIS) within the watchdog open window (tCW and tWDP). Any correct watchdog trigger SPI frame
will immediately start a new window.
In case of a watchdog failure (root cause can be any watchdog trigger outside the open window; invalid or
unexpected watchdog trigger bits value; any watchdog timeout; any disabling procedure out of the LOW; any
wrong disabling procedure during the LOW) will set the WDGF flag, stop the watchdog and put the device in fail-
safe mode. In fail-safe mode the OUTE control bit is reset and the gate drivers are forced in sink switch mode to
switch off actively all the MOSFETs with the maximum available current, regardless of the programmed gate
discharge current (SLEWDx control bits). To reactivate the gate drivers that are forced in sink switch mode, the
WDGF flag has to be cleared via SPI (clearing the WDGF flag makes the device come out of the fail-safe mode
and makes the watchdog start again with a long open window) and then the OUTE control bit has to be set to one
via SPI. As long as the device is in fail-safe mode (WDGF=1), the OUTE control bit is reset and cannot be set via
SPI. Once the watchdog starts running again with a long open window after coming out of the fail-safe mode, to
enter in window mode the microcontroller has to write 5555h to the watchdog trigger/disable register
(WDGTRDIS). To disable the watchdog, the microcontroller has to write a specific key, consisting in two
consecutive valid SPI frames to be sent in the right order, to control register WDGTRDIS before the end of any
long open window. Just one attempt to disable the watchdog is allowed per LOW, if not successful, a watchdog
fault is generated, and it will no longer be possible to disable the watchdog until the next LOW. Any other SPI
transfer between the two SPI frames carrying the key including an invalid SPI transfer generating an SPIE aborts
the disable process and generates a watchdog fault (WDGF). Besides, the keys sent in the wrong order will not
disable the watchdog and generate a watchdog fault as well. Once in window mode, it will no longer be possible
to disable the watchdog until the next LOW. Any attempt to disable the watchdog outside the LOW will generate a
watchdog fault (WDGF).
Any read access to the WDGTRDIS register provides information concerning the watchdog disabling procedure
result together with the three least significant bits of the latest write operation performed on the same register.
Figure 11. Watchdog state diagram
GADG120920220943SA
L99H92
Window watchdog (WDG)
DS14069 - Rev 4
page 16/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com