Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 5Page - STMicroelectronics L99H92 Datasheet HTML 6Page - STMicroelectronics L99H92 Datasheet HTML 7Page - STMicroelectronics L99H92 Datasheet HTML 8Page - STMicroelectronics L99H92 Datasheet HTML 9Page - STMicroelectronics L99H92 Datasheet HTML 10Page - STMicroelectronics L99H92 Datasheet HTML 11Page - STMicroelectronics L99H92 Datasheet HTML 12Page - STMicroelectronics L99H92 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
Figure 4. NRDY status bit and CPLOW flag
GADG120920220925SA
2.6
Gate drivers
2.6.1
Outputs driving signals (PWM/IN1 and DIR/IN2)
When the OUTE control bit is reset with the FSINB pin high, all the gate drivers are disabled and the turned on
MOSFETs are passively shut off through the internal resistance connected between gate and source of each
MOSFET (RGSHx and RGSLx). Regardless of the OUTE control bit value, when the FSINB pin is pulled low all
the MOSFETs are actively shut off by the gate drivers forced in sink switch mode.
Once the OUTE control bit is set and the FSINB pin is high, the external MOSFETs are driven by the input pins
PWM/IN1 and DIR/IN2. Both input pins, PWM/IN1 and DIR/IN2, have an internal pull-down current (IPWM_in and
IDIR_in) to put the outputs in a well-known condition in case any of the pins will no longer be driven by the
microcontroller. Depending on the value of the INPMODE control bit, the device can work as full-bridge driver or
dual half-bridge driver:
•
If INPMODE = 0 (default value), the device works in full-bridge mode. In this case the active full-bridge
diagonal, fixing the rotational direction of the motor is selected by DIR/IN2 input while the driving PWM
signal has to be applied to PWM/IN1 input.
Depending on the active free-wheeling enable control bit value (AFWE) and the freewheeling selection control bit
value (FWS), four different freewheeling strategies are available: active or passive and freewheeling on either
high-side or low-side MOSFETs. The DIR input pin sets the active diagonal. The AFWE control bit enables or
disables active free-wheeling and the FWS control bit sets the free-wheeling path (HS or LS).
Table 2. Truth table
Device in active mode with INPMODE=0 (FULL-BRIDGE MODE)
Inputs
Outputs (in case of no faults)
OUTE
bit
AFWE bit
FWS
bit
FSINB
pin
DIR
pin
PWM
pin
HS1
LS1
HS2
LS2
x
x
x
0(1)
x
x
OFF
OFF
OFF
OFF
0
x
x
1
x
x
OFF(2)
OFF(2)
OFF(2)
OFF(2)
1
0
0
1
0
0
OFF
OFF
OFF
ON
1
x
x
1
0
1
ON
OFF
OFF
ON
1
0
1
1
0
0
ON
OFF
OFF
OFF
L99H92
Gate drivers
DS14069 - Rev 4
page 9/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com