Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 52Page - STMicroelectronics L99H92 Datasheet HTML 53Page - STMicroelectronics L99H92 Datasheet HTML 54Page - STMicroelectronics L99H92 Datasheet HTML 55Page - STMicroelectronics L99H92 Datasheet HTML 56Page - STMicroelectronics L99H92 Datasheet HTML 57Page - STMicroelectronics L99H92 Datasheet HTML 58Page - STMicroelectronics L99H92 Datasheet HTML 59Page - STMicroelectronics L99H92 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
2
Gate discharge current configuration bits for the full-bridge (INPMODE=0) or for leg 1
(INPMODE=1).
SLEWD1[4:0]=n sets gate discharge current to n x IGMAX/31. Setting SLEWD1[4:0]=0 disables
gate discharge current control and enables gate discharging through low impedance switches.
SLEWD1[1]
1
SLEWD1[0]
0
P
Parity bit
Table 52. Control register GD1CR2 (0x05) MSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R)
0 (R)
0 (R)
0 (R)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R)
RES
RES
RES
RES
DSMON1[2]
DSMON1[1]
DSMON1[0]
RES
Reserved
bit
Reserved bit Reserved bit
Reserved bit
VDS monitoring threshold configuration bits
Reserved bit
Bit
Name
Description
15
RES
Reserved
14
RES
13
RES
12
RES
11
DSMON1[2] VDS monitoring threshold configuration control bits for the full-bridge (INPMODE=0) or for leg 1
(INPMODE=1).
000=0.075V
001=0.15V
010=0.25V
011=0.4V
100=0.6V
101=0.8V
110=1V
111=1.2V
10
DSMON1[1]
9
DSMON1[0]
8
RES
Reserved
Table 53. Control register GD1CR2 (0x05) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R/W)
0 (R/W)
0 (R/W)
0 (R)
0 (R/W)
0 (R/W)
0 (R)
DSBT1[2]
DSBT1[1]
DSBT1[0]
RES
FT1[1]
FT1[0]
RES
P
VDS monitoring blanking time
configuration bits
Reserved bit
VDS monitoring filtering time
configuration bits
Reserved bit
Parity bit
Bit
Name
Description
7
DSBT1[2] VDS monitoring blanking time configuration control bits for the full-bridge (INPMODE=0) or for leg 1
(INPMODE=1).
Blanking time in µs = DSBT1[2:0] + 1 (min= 1us, max= 8us)
6
DSBT1[1]
5
DSBT1[0]
4
RES
Reserved
3
FT1[1]
VDS monitoring filtering time configuration control bits for the full-bridge (INPMODE=0) or for leg 1
(INPMODE=1).
Filter time in µs = (FT1[1:0] + 1)*1.5 (min= 1.5us, max= 6us)
2
FT1[0]
1
RES
Reserved
L99H92
Control registers
DS14069 - Rev 4
page 56/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com