Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 18 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 14Page - Texas Instruments TAS2781RYYR Datasheet HTML 15Page - Texas Instruments TAS2781RYYR Datasheet HTML 16Page - Texas Instruments TAS2781RYYR Datasheet HTML 17Page - Texas Instruments TAS2781RYYR Datasheet HTML 18Page - Texas Instruments TAS2781RYYR Datasheet HTML 19Page - Texas Instruments TAS2781RYYR Datasheet HTML 20Page - Texas Instruments TAS2781RYYR Datasheet HTML 21Page - Texas Instruments TAS2781RYYR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
7 Parameter Measurement Information
The typical characteristics for the device are measured using the Bench Evaluation Module (EVM) and an
Audio Precision Analyzer. A PSIA interface is used to allow the I2S interface to be driven directly into the Audio
Precision Analyzer.
In some measurements (THD+N, ICN, DNR, and so forth), Class-D output terminals are connected to the Audio
Precision Analyzer analog inputs through a Differential-to-Single Ended (D2S) filter as shown below. The D2S
filter contains a second order passive pole at 120 kHz and an instrumenation amplifier. The D2S filter ensures
the TAS2781 high performance Class-D amplifier has its outputs filtered and buffered before processed. This
prevents measurement errors due to loading effects of AUX-00XX filter on the Class-D outputs.
Figure 7-1. Differential to Single Ended (D2S) Filter
8 Detailed Description
8.1 Overview
The TAS2781 is a mono digital input Class-D amplifier optimized for applications where efficient battery
operation and small solution size are critical. It integrates speaker IV (current/voltage) sensing and battery
tracking limiting with brown out prevention. The device operates using TDM/I2S and I2C (or SPI) interfaces.
The TAS2781 provides a Hybrid-Pro algorithm for controlling an external boost converter to extend battery life.
Table 8-1. Full Scales
Input/Output Signal
Full Scale Value
Class-D Output
21 dBV
Voltage Monitor
23 V
Current Sense
5 A
Voltage Sense
16 Vpk
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com