Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 31 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 31 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 27Page - Texas Instruments TAS2781RYYR Datasheet HTML 28Page - Texas Instruments TAS2781RYYR Datasheet HTML 29Page - Texas Instruments TAS2781RYYR Datasheet HTML 30Page - Texas Instruments TAS2781RYYR Datasheet HTML 31Page - Texas Instruments TAS2781RYYR Datasheet HTML 32Page - Texas Instruments TAS2781RYYR Datasheet HTML 33Page - Texas Instruments TAS2781RYYR Datasheet HTML 34Page - Texas Instruments TAS2781RYYR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
Note
When using the external boost controller the supply tracking limiter should be either disabled or have
the thresholds programmed to a value higher than maximum output voltage of the boost.
To program the internal Class-H controller use registers from pages 0x05 and 0x06.
See TAS2781 User Manual and SLOA326 Application Note for more details on programming the boost
controller.
8.5 Operational Modes
8.5.1 Beep Generator
This tone generator produces a simple audio tone (beep) that is transmitted directly to the output (speaker).
The generator relies on a pulsed signal coming into either SDZ or NC_SCLK pin.
The beep generation is executed by pulsating any of these two pins with an input frequency fIN specified in .
The beep output signal will have a frequency given by:
fBEEP = fIN/64 for SDZ pin;
(3)
fBEEP = fIN/4 for NC_SCLK pin.
(4)
For example, if an 800 Hz beep is needed, input a 3.2 kHz PWM signal to pin NC_SCLK.
The beep generation can happen when the device is in Software Shutdown mode, by applying pulses on the
pin. A deglitch timer will hold-off the shut-down functionality until the tone has finished and the deglitch timer has
expired in which case the pin will revert to controlling the hardware shutdown of the device (SDZ) or SPI clock
(NC_SCLK).
The output power of the beep signal is controled by the duty cycle of the input signal as discribed in the table
below.
Table 8-7. Beep Output Power
Load (Ω )
Duty Cycle (% )
Ouput Power ( W )
8
20 - 30
0.125
8
45 - 55
0.25
8
70 - 80
0.5
Note: When NC_SCLK pin is used for beeping, pin 17 should be connected to an 1.8 V supply (AVDD, IOVDD).
8.5.2 Hardware Shutdown
The device enters Hardware Shutdown mode if the SDZ pin is asserted low. In Hardware Shutdown mode,
the device consumes the minimum quiescent current from AVDD, IOVDD, PVDDH and PVDDL supplies. All
registers lose state in this mode and I2C or SPI communication is disabled.
By default, when SDZ pin goes low, the device will force a hardware shutdown after a timeout set by the
configurable shutdown timer (register bits SDZ_TIMEOUT[1:0]). If SDZ is asserted low while audio is playing, the
device will ramp down volume of the audio, stop the Class-D switching, power down analog and digital blocks
and finally put the device into Hardware Shutdown mode. The device can also be configured for forced hardware
shutdown and in this case it will not attempt to gracefully disable the audio channel. The shutdown mode can be
controlled using SDZ_MODE[1:0] register bits.
When SDZ is released, the device will sample the ADDR pin and enter the Software Shutdown mode.
8.5.3 Mode Control and Software Reset
The TAS2781 mode can be configured by writing the MODE[2:0] register bits.
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com