Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 26 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 22Page - Texas Instruments TAS2781RYYR Datasheet HTML 23Page - Texas Instruments TAS2781RYYR Datasheet HTML 24Page - Texas Instruments TAS2781RYYR Datasheet HTML 25Page - Texas Instruments TAS2781RYYR Datasheet HTML 26Page - Texas Instruments TAS2781RYYR Datasheet HTML 27Page - Texas Instruments TAS2781RYYR Datasheet HTML 28Page - Texas Instruments TAS2781RYYR Datasheet HTML 29Page - Texas Instruments TAS2781RYYR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
The bits from register in enable the ICC feature and set the device pairing and gain transmiting slots.
The sampling rates of 16 kHz and 24 kHz (and 44.1 kHz equivalent) are not supported in this mode of operation.
8.4.2.12 Class-D Settings
8.4.2.12.1 Output Slew Rate Control
The output slew rate can be programmed using bits EDGE_CTRL[1:0] from register in .
By default, if PVDDH supply is below 20 V the output slew rate will be at a fast rate, dependant on supply and
load. If PVDDH goes above 20 V the slew rate will be automatically change to a slower rate.
Optionally, to improve EMI performance, user can set the slew rate to a slower rate for the entire range of
PVDDH supply by setting the bits EDGE_CTRL[1:0] to 2'b11.
8.4.2.12.2 Synchronization
The TAS2781 Class-D amplifier supports spread spectrum PWM modulation, which can be enabled by setting
the AMP_SS register bit high. This can help reduce EMI in the system.
By default the Class-D amplifier switching frequency is based on the device trimmed internal oscillator. To
synchronize switching to the audio sample rate, set the CLASSD_SYNC register bit high. When the Class-D is
synchronized to the audio sample rate, the RAMP_RATE register bit must be set depending on the audio sample
rate of either 44.1 kHz or 48 kHz (default) based frequency.
8.4.3 SAR ADC
A SAR ADC monitors PVDDH voltage, PVDDL voltage and die temperature. The results of these conversions
are available via register readback (PVDDH_CNV[11:0], PVDDL_CNV[11:0] and TMP_CNV[7:0] register bits).
PVDDH and PVDDL voltage conversions are also used by the limiter and brown out prevention blocks.
By default, PVDDL conversion is enabled along with PVDDH and temperature in both cases, when BOP source
is PVDDL (BOP_SRC = 0) or BOP source is PVDDH (BOP_SRC = 1).
The ADC runs at a fixed 192 kHz sample rate with a conversion time of 5.2 µs.
Temperature is sampled once every 18th SAR conversions. Sampling rate for temperature is approximative 10K
samples/sec.
PVDDH and PVDDL voltages and the die temperature can be estimated by user using equations from registers
in , and .
The register bits content should always be read from MSB to LSB.
The voltage and temperature readings of SAR ADC are also available to the host through the SDOUT pin. Use
bits of register from to enable this feature and configure the slots.
8.4.4 Current and Voltage (IV) Sense
The TAS2781 provides speaker voltage and current sense measurements for real time monitoring of
loudspeaker behavior. The VSNSP and VSNSN pins should be connected after any ferrite bead filter (or directly
to the OUTP and OUTN connections if no EMI filter is used). The V-Sense connections eliminate voltage
drop error due to packaging, PCB interconnect or ferrite bead filter resistance. It should be noted that any
interconnect resistance after the VSNS terminals will not be corrected for, so it is advised to connect the sense
connections as close to the load as possible.
The voltage and current sense internal ADCs have a DC blocking filter. This filter cut-off frequency can be
adjusted, or the filter can be bypassed using the HPF_FREQ_REC[2:0] register bits.
I-Sense and V-Sense blocks can be powered up by setting the ISNS_PD and VSNS_PD register bits to low.
8.4.5 Post Filter Feed-Back (PFFB)
The device supports post-filter feedback by closing the amplifier feedback loop after the external filter. The
feedback is applied using the VSNSN and VSNSP terminals of the device. This feature can be disabled using
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com