Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 56 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 56 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 52Page - Texas Instruments TAS2781RYYR Datasheet HTML 53Page - Texas Instruments TAS2781RYYR Datasheet HTML 54Page - Texas Instruments TAS2781RYYR Datasheet HTML 55Page - Texas Instruments TAS2781RYYR Datasheet HTML 56Page - Texas Instruments TAS2781RYYR Datasheet HTML 57Page - Texas Instruments TAS2781RYYR Datasheet HTML 58Page - Texas Instruments TAS2781RYYR Datasheet HTML 59Page - Texas Instruments TAS2781RYYR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
8.9.71 Page = 0x01 Address = 0x17 [Reset = D0h]
Bit
Field
Type
Reset
Description
7-5
Reserved
R
6h
Reserved
4
CMP_HYST_LP
RW
1h
Class D comparator dependancy of low power
0h = Disabled
1h = Enabled
3
SAR_IDLE
RW
0h
Idle channel interraction to SAR
0h = Enabled
1h = Disabled
2-0
Reserved
R
0h
Reserved
8.9.72 Page = 0x01 Address = 0x19 [Reset = 60h]
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
EN_LLSR
RW
1h
Modulation
0b = LSR
1b = Linear LSR
5-0
Reserved
R
20h
Reserved
8.9.73 Page = 0x01 Address = 0x28 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-6
Reserved
R
0h
Reserved
5-4
EDGE_CTRL[1:0]
RW
0h
Output slew rate
0h = Auto adjust slew rate based on PVDD range (default)
1h = Reserved
2h = Reserved
3h = Slow slew rate for full range of PVDDH
3-0
Reserved
R
0h
Reserved
8.9.74 Page = 0x01 Address = 0x35 [Reset = 75h]
Bit
Field
Type
Reset
Description
7-2
Reserved
R
1Dh
Reserved
1-0
BIAS_NOISE[1:0]
RW
1h
Settings for noise improvement
8.9.75 Page = 0x01 Address = 0x36 [Reset = 08h]
Bit
Field
Type
Reset
Description
7-6
INT_LDO[1:0
RW
0h
Internal LDO Setting
0h = User can program device with bit PVDDL_MODE, register
0x04, page 0x00 (default)
1h = Use external PVDDL
2h = Use internal LDO for PVDDL supply
3h = Reserved
5-0
Reserved
R
08h
Reserved
8.9.76 Page = 0x01 Address = 0x3D [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ1[7:0]
RW
00h
Force '0' output control for slots 7 down to 0. This register to be
programmed to zero in case the slot is not valid as per SBLK to
FSYNC ratio.
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
56
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com