Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 29 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 25Page - Texas Instruments TAS2781RYYR Datasheet HTML 26Page - Texas Instruments TAS2781RYYR Datasheet HTML 27Page - Texas Instruments TAS2781RYYR Datasheet HTML 28Page - Texas Instruments TAS2781RYYR Datasheet HTML 29Page - Texas Instruments TAS2781RYYR Datasheet HTML 30Page - Texas Instruments TAS2781RYYR Datasheet HTML 31Page - Texas Instruments TAS2781RYYR Datasheet HTML 32Page - Texas Instruments TAS2781RYYR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
Table 8-6. Supported SBCLK Frequencies [MHz] for 44.1 kHz Based Sample Rates
Sample Rate
(kHz)
SBCLK to FSYNC Ratio
16
24
32
48
64
96
14.7
NA
NA
NA
0.7056
0.9408
1.4112
22.05
NA
NA
0.7056
1.0584
1.4112
2.1168
29.4
NA
0.7056
0.9408
1.4112
1.8816
2.8224
44.1
0.7056
1.0584
1.4112
2.1168
2.8224
4.2336
88.2
1.4112
2.1168
2.8224
4.2336
5.6448
8.4672
176.4
2.8224
4.2336
5.6448
8.4672
11.2896
16.9344
Sample Rate
(kHz)
SBCLK to FSYNC Ratio
128
192
256
384
512
14.7
1.8816
2.8224
3.7632
5.6448
7.5264
22.05
2.8224
4.2336
5.6448
8.4672
11.2896
29.4
3.7632
5.6448
8.4672
8.192
15.0528
44.1
5.6448
8.4672
11.2896
16.9344
22.5792
88.2
11.2896
16.9344
22.5792
33.8688
NA
176.4
211.5792
33.8688
NA
NA
NA
8.4.11 Ultrasonic
The TAS2781 has a dedicated power mode (PWR_MODE3) to play ultasound in advance ultrasonic applications
like presence detection, gesture recognition, etc.
When playing ultrasound it is recommended to set bits DEM_CTRL[1:0] to 3h and bit DIS_DITH to 1h.
In PWR_MODE3 mode of operation the output stage of Class-D will be supplied by external PVDDL rail.
8.4.12 Echo Reference
The TAS2781 can loop back the DSP output.
This feature allows user to do noise cancellation or echo correction algorithms.
A block diagram is presented in the figure below.
Figure 8-6. Echo Reference Loopback
The echo reference can be enabled by configuring AUDIO_TX register bit. The slot length and the time slot can
be selected using AUDIO_SLEN and AUDIO_SLOT[5:0] register bits.
8.4.13 Hybrid-Pro External Boost Controller
The device has implemented an internal Hybrid-Pro algorithm allowing users to optimize the efficiency in the
system by controlling the external power supply and maintaining just enough margin to provide high dynamic
range without clipping distortions.
Features of Hybrid-Pro control:
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com