Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 57 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 57 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 53Page - Texas Instruments TAS2781RYYR Datasheet HTML 54Page - Texas Instruments TAS2781RYYR Datasheet HTML 55Page - Texas Instruments TAS2781RYYR Datasheet HTML 56Page - Texas Instruments TAS2781RYYR Datasheet HTML 57Page - Texas Instruments TAS2781RYYR Datasheet HTML 58Page - Texas Instruments TAS2781RYYR Datasheet HTML 59Page - Texas Instruments TAS2781RYYR Datasheet HTML 60Page - Texas Instruments TAS2781RYYR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
8.9.77 Page = 0x01 Address = 0x3E [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ2[7:0]
RW
00h
Force '0' output control for slots 15 down to 8. This register to be
programmed to zero in case the slot is not valid as per SBLK to
FSYNC ratio.
8.9.78 Page = 0x01 Address = 0x3F [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ3[7:0]
RW
00h
Force '0' output control for slots 23 down to 16. This register to
be programmed to zero in case the slot is not valid as per SBLK
to FSYNC ratio.
8.9.79 Page = 0x01 Address = 0x40 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ4[7:0]
RW
00h
Force '0' output control for slots 31 down to 24. This register to
be programmed to zero in case the slot is not valid as per SBLK
to FSYNC ratio.
8.9.80 Page = 0x01 Address = 0x41 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ5[7:0]
RW
00h
Force '0' output control for slots 39 down to 32. This register to
be programmed to zero in case the slot is not valid as per SBLK
to FSYNC ratio.
8.9.81 Page = 0x01 Address = 0x42 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ6[7:0]
RW
00h
Force '0' output control for slots 47 down to 40. This register to
be programmed to zero in case the slot is not valid as per SBLK
to FSYNC ratio.
8.9.82 Page = 0x01 Address = 0x43 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ7[7:0]
RW
00h
Force '0' output control for slots 55 down to 48. This register to
be programmed to zero in case the slot is not valid as per SBLK
to FSYNC ratio.
8.9.83 Page = 0x01 Address = 0x44 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
SDOUT_HIZ8[7:0]
RW
00h
Force '0' output control for slots 63 down to 56. This register to
be programmed to zero in case the slot is not valid as per SBLK
to FSYNC ratio.
8.9.84 Page = 0x01 Address = 0x45 [Reset = 00h]
Bit
Field
Type
Reset
Description
7
SDOUT_FCNT
RW
0h
Control over sending "0" to un-used slots
0h = All un-used slots will have 'Hi-Z' transmitted
1h = Un-used slots transmit '0' as per registers 0x3D - 0x44
settings
6-0
Reserved
R
00h
Reserved
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com