Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 76 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 76 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 72Page - Texas Instruments TAS2781RYYR Datasheet HTML 73Page - Texas Instruments TAS2781RYYR Datasheet HTML 74Page - Texas Instruments TAS2781RYYR Datasheet HTML 75Page - Texas Instruments TAS2781RYYR Datasheet HTML 76Page - Texas Instruments TAS2781RYYR Datasheet HTML 77Page - Texas Instruments TAS2781RYYR Datasheet HTML 78Page - Texas Instruments TAS2781RYYR Datasheet HTML 79Page - Texas Instruments TAS2781RYYR Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
12 Layout
12.1 Layout Guidelines
All supply rails should be bypassed by low-ESR ceramic capacitors as shown and described in Section 9.2.
To create a low impedance connection to PGND, DGND and GND and minimize the ground noise, ground
planes with multiple conductive epoxy filled vias should be used in layout.
Specific layout design recommendations should be followed for this device:
• Use wide traces for signals that carry high current: PVDDH, PVDDL, PGND, DGND, GND and the speaker
OUTP, OUTN.
• PGND pin should be directly connected and shorted to the ground plane.
• DGND pin should be directly connected to the ground plane.
• Connect VSNSP and VSNSN as close as possible to the speaker.
• VSNSP and VSNSN should be connected between the EMI ferrite filter and the speaker if EMI ferrites are
used at the outputs.
• VSNSP and VSNSN routing should be separated and shielded from switching signals (interface signals,
speaker outputs, bootstrap pins).
• Place bootstrap capacitors as close as possible to the BST pins.
• Place decoupling capacitors of PVDDH and PVDDL as close as possible to the pins (see Section 12.2).
12.2 Layout Example
Figure 12-1 below describes the placement of critical components as assigned in Figure 9-1.
Figure 12-1. Component Placement
An example of layout design is presented in the next two images.
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
76
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com