Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 40 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 36Page - Texas Instruments TAS2781RYYR Datasheet HTML 37Page - Texas Instruments TAS2781RYYR Datasheet HTML 38Page - Texas Instruments TAS2781RYYR Datasheet HTML 39Page - Texas Instruments TAS2781RYYR Datasheet HTML 40Page - Texas Instruments TAS2781RYYR Datasheet HTML 41Page - Texas Instruments TAS2781RYYR Datasheet HTML 42Page - Texas Instruments TAS2781RYYR Datasheet HTML 43Page - Texas Instruments TAS2781RYYR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
Bit
Field
Type
Reset
Description
5-0
STATUS_SLOT[5:0]
RW
8h
TDM TX status time slot (default = 08h)
Bit [7] - PVDDH status)
0h = PVDDH UVLO not detected
1h = PVDD UVLO detected
Bit [6] - Over current status
0h = No over current detected
1h = Over current detected
Bit [5] - Over temperature status
0h= No over temperature detected
1h = Over temperature detected
*Bit [4] - BOP status
0h = BOP not detected
1h = BOP detected
*Bit [3] - Signal distorsion limiter status
0h = No distortion limiter
1h = Gain attenuation done due to distortion limiter
Bit [2] - Noise Gate status
0h = Device in normal mode
1h = Device in Noise Gate mode
Bit [1] - Class-D power stage status
0h = Class D Power switch connected to PVDDL
1h = Class D Power switch connected to PVDDH
Bit [0] - Power up state
0h = Device in powered down
1h = Device in active state
8.9.18 Page = 0x00 Address = 0x15 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-5
LS_OC[2:0]
RW
0h
Low side OC threshold
0h = Nominal OC threshold (default)
1h = OC threshold increased by 10% of nominal
2h = OC threshold increased by 20% of nominal
3h = OC threshold increased by 30% of nominal
4h = OC threshold reduced by 40% of nominal
5h = OC threshold reduced by 30% of nominal
6h = OC threshold reduced by 20% of nominal
7h = OC threshold reduced by 10% of nominal
4-2
ICC_CFG[2:0]
RW
0h
ICC pin function
0h = Gain slot transmission (default)
1h = Reserved
2h = ICC pin buffers disabled
3h = ICC pin is a general purpose input
4h = ICC pin is a general purpose output
5h - 7h = Reserved
1-0
Reserved
R
0h
Reserved
8.9.19 Page = 0x00 Address = 0x16 [Reset = 12h]
Bit
Field
Type
Reset
Description
7
AUDIO_SLEN
RW
0h
TDM audio slot length
0h = 16 bits
1h = 24 bits
6
AUDIO_TX
RW
0h
TDM audio output transmit
0h = Disabled
1h = Enabled
5-0
AUDIO_SLOT[5:0]
RW
12h
TDM TX status time slot (default = 12h)
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com