Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 85 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 85 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 81Page - Texas Instruments TAS2781RYYR Datasheet HTML 82Page - Texas Instruments TAS2781RYYR Datasheet HTML 83Page - Texas Instruments TAS2781RYYR Datasheet HTML 84Page - Texas Instruments TAS2781RYYR Datasheet HTML 85Page - Texas Instruments TAS2781RYYR Datasheet HTML 86Page - Texas Instruments TAS2781RYYR Datasheet HTML 87Page - Texas Instruments TAS2781RYYR Datasheet HTML 88Page - Texas Instruments TAS2781RYYR Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 90 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
19X (0.6)
26X (0.2)
(3.3)
(3.8)
(R0.05) TYP
2X (1)
(0.925)
4X (R0.12)
2X (1)
(1.12)
22X (0.4)
(0.65)
(0.7)
8X (0.25)
8X (0.425)
(0.95)
2X (0.6)
2X (0.78)
2X (0.7)
2X (0.62)
VQFN-HR - 1 mm max height
RYY0030A
PLASTIC QUAD FLATPACK - NO LEAD
4228222/B 05/2022
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 20X
PKG
PKG
1
9
10
16
17
23
24
30
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com