Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 59 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 59 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 55Page - Texas Instruments TAS2781RYYR Datasheet HTML 56Page - Texas Instruments TAS2781RYYR Datasheet HTML 57Page - Texas Instruments TAS2781RYYR Datasheet HTML 58Page - Texas Instruments TAS2781RYYR Datasheet HTML 59Page - Texas Instruments TAS2781RYYR Datasheet HTML 60Page - Texas Instruments TAS2781RYYR Datasheet HTML 61Page - Texas Instruments TAS2781RYYR Datasheet HTML 62Page - Texas Instruments TAS2781RYYR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
8.9.92 Page = 0x04 Address = 0x20 - 0x23 [Reset = 0B999999h]
Bit
Field
Type
Reset
Description
31-0
BOP_TH[31:0]
RW
0B999999h
Sets BOP threshold to a BOP_TH(V) value:
dec2hex[round(BOP_TH*2^26)]
Default BOP_TH= 2.9 V.
8.9.93 Page = 0x04 Address = 0x24 - 0x27 [Reset = 0ACCCCCDh]
Bit
Field
Type
Reset
Description
31-0
BOP_TH[31:0]
RW
0ACCCCC
Dh
Sets BOP shutdown threshold to a BOPSD_TH(V) value:
dec2hex[round(BOPSD_TH*2^26)]
Default BOPSD_TH = 2.7 V.
8.9.94 Page = 0x04 Address = 0x40 - 0x43 [Reset = 721482C0h]
Bit
Field
Type
Reset
Description
31-0
TF_SLP[31:0]
RW
721482C0h
Sets thermal foldback limiter slope to a TF_SLP(dB/ºC) value:
dec2hex[round((10^TF_SLP/20)*2^31)]
Default TF_SLP = -1 dB/ºC.
8.9.95 Page = 0x04 Address = 0x44 - 0x47 [Reset = 00000258h]
Bit
Field
Type
Reset
Description
31-0
TF_HLD[31:0]
RW
00000258h
Sets thermal foldback limiter hold count to a TF_HLD(s) value:
dec2hex[round(TF_HLD*fs/8)], fs ≤ 48 kHz
dec2hex[round(TF_HLD*6000)], fs > 48 kHz
8.9.96 Page = 0x04 Address = 0x48 - 0x4B [Reset = 40BDB7C0h]
Bit
Field
Type
Reset
Description
31-0
TF_RLS[31:0]
RW
40BDB7C0
h
Sets thermal foldback limiter release rate to a TF_RLS(dB/
sample) value:
dec2hex[round(10^(8*TF_RLS/20)*2^30)], fs ≤ 48 kHz
dec2hex[round(10^(16*TF_RLS/20)*2^30)], fs > 48 kHz
8.9.97 Page = 0x04 Address = 0x4C - 0x4F [Reset = 3982607Fh]
Bit
Field
Type
Reset
Description
31-0
TF_TMP_TH[31:0]
RW
3982607Fh
Sets thermal foldback limiter temperature threshold to a
TF_TH(ºC) value:
dec2hex[round(TF_TH*2^23)]
Default TF_TH = 115 ºC.
8.9.98 Page = 0x04 Address = 0x50 - 0x53 [Reset = 2D6A866Fh]
Bit
Field
Type
Reset
Description
31-0
TF_MAX_ATN[31:0]
RW
2D6A866F
h
Sets thermal foldback limiter maximum gain reduction to a
TF_MAXA(dB) value:
dec2hex[round(10^(TF_MAXA/20)*2^31)]
Default TF_MAXA= - 9 dB.
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com