Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 32Page - Texas Instruments TAS2781RYYR Datasheet HTML 33Page - Texas Instruments TAS2781RYYR Datasheet HTML 34Page - Texas Instruments TAS2781RYYR Datasheet HTML 35Page - Texas Instruments TAS2781RYYR Datasheet HTML 36Page - Texas Instruments TAS2781RYYR Datasheet HTML 37Page - Texas Instruments TAS2781RYYR Datasheet HTML 38Page - Texas Instruments TAS2781RYYR Datasheet HTML 39Page - Texas Instruments TAS2781RYYR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
Bit
Field
Type
Reset
Description
2-0
HPF_FREQ_PB[2:0]
RW
1h
Forward Path DC blocker cut-off frequency
0h = Disabled (filter bypassed)
1h = 2 Hz
2h = 50 Hz
3h = 100 Hz
4h = 200 Hz
5h = 400 Hz
6h = 800 Hz
7h = Reserved
* For 44.1/88.2 kHz sampling rates divide the values from above
by 1.0884
8.9.6 Page = 0x00 Address = 0x05 [Reset = 41h]
Bit
Field
Type
Reset
Description
7-4
Reserved
RW
4h
Reserved
3
TFB_EN
RW
0h
Thermal Foldback
0h = Disabled
1h = Enabled
2-0
HPF_FREQ_REC[2:0]
RW
1h
Record Path DC blocker
0h = Disabled (filter bypassed)
1h = 2 Hz
2h = 50 Hz
3h = 100 Hz
4h = 200 Hz
5h = 400 Hz
6h = 800 Hz
7h = Reserved
* For 44.1/88.2 kHz sampling rates divide the values from above
by 1.0884
8.9.7 Page = 0x00 Address = 0x06 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-6
Reserved
RW
0h
Reserved
5
OCE_RETRY
RW
0h
Retry after over current event.
0h = Disabled
1h = Enabled, retry after timer.
4
OTE_RETRY
RW
0h
Retry after over temperature event.
0h = Disabled
1h = Enabled, retry after timer.
3
PFFB_EN
RW
0h
Post-Filter Feedback is
0h = Disabled (uses OUT_N and OUT_P pins)
1h = Enabled (uses VSNS_N and VSNS_P pins)
2
SAFE_MODE
RW
0h
Safe mode
0h = Disabled
1h = Enabled
1-0
Reserved
RW
0h
Reserved
8.9.8 Page = 0x00 Address = 0x07 [Reset = 20h]
Bit
Field
Type
Reset
Description
7-6
SDZ_MODE[1:0]
RW
0h
Shutdown mode configuration.
0h = Shutdown after timeout (default)
1h = Immediate forced shutdown
2h - 3h = Reserved
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com