Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 47 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 43Page - Texas Instruments TAS2781RYYR Datasheet HTML 44Page - Texas Instruments TAS2781RYYR Datasheet HTML 45Page - Texas Instruments TAS2781RYYR Datasheet HTML 46Page - Texas Instruments TAS2781RYYR Datasheet HTML 47Page - Texas Instruments TAS2781RYYR Datasheet HTML 48Page - Texas Instruments TAS2781RYYR Datasheet HTML 49Page - Texas Instruments TAS2781RYYR Datasheet HTML 50Page - Texas Instruments TAS2781RYYR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
Bit
Field
Type
Reset
Description
2-1
Reserved
R
3h
Reserved
0
IM_PUVLO
RW
0h
PVDDH under voltage
0h = No Mask
1h = Mask
8.9.36 Page = 0x00 Address = 0x41 [Reset = 14h]
Bit
Field
Type
Reset
Description
7
IM_TDTH2
RW
0h
Thermal Detection Threshold 2
0h = No Mask
1h = Mask
6
IM_TDTH1
RW
0h
Thermal Detection Threshold 1
0h = No Mask
1h = Mask
5
IM_PVBT
RW
0h
PVDDH - PVDDL below threshold
0h = No Mask
1h = Mask
4
IM_BOPA
RW
1h
BOP active interrupt
0h = No mask
1h = Mask
3
IM_BOPD
RW
0h
BOP detected interrupt
0h = No mask
1h = Mask
2
IM_BOPPD
RW
1h
BOP device power down start
0h = No mask
1h = Mask
1-0
Reserved
R
0h
Reserved
8.9.37 Page = 0x00 Address = 0x42 [Reset = 00h]
Bit
Field
Type
Reset
Description
7
IL_BOPM
R
0h
Interrupt due to bop mute
0h = No interrupt
1h = Interrupt
6
IL_BOPIH
R
0h
Interrupt due to bop infinite hold
0h = No interrupt
1h = Interrupt
5
IL_LIMMA
R
0h
Interrupt due to limiter max attenuation
0h = No interrupt
1h = Interrupt
4
IL_PBIP
R
0h
Interrupt due to PVDDH below limiter inflection point
0h = No interrupt
1h = Interrupt
3
IL_LIMA
R
0h
Interrupt due to limiter active
0h = No interrupt
1h = Interrupt
2
IL_TDMCE
R
0h
Interrupt due to TDM clock error
0h = No interrupt
1h = Interrupt - Device in shutdown
1
IL_OC
R
0h
Interrupt due to over current error
0h = No interrupt
1h = Interrupt - Device in shutdown
0
IL_OT
R
0h
Interrupt due to over temp error
0h = No interrupt
1 = Interrupt - Device in shutdown
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com