Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 49 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 45Page - Texas Instruments TAS2781RYYR Datasheet HTML 46Page - Texas Instruments TAS2781RYYR Datasheet HTML 47Page - Texas Instruments TAS2781RYYR Datasheet HTML 48Page - Texas Instruments TAS2781RYYR Datasheet HTML 49Page - Texas Instruments TAS2781RYYR Datasheet HTML 50Page - Texas Instruments TAS2781RYYR Datasheet HTML 51Page - Texas Instruments TAS2781RYYR Datasheet HTML 52Page - Texas Instruments TAS2781RYYR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Bit
Field
Type
Reset
Description
6
IL_TDTH1
R
0h
Thermal detection threshold 1
0h = No interrupt
1h = Interrupt
5
IL_PVBT
R
0h
(PVDDH - PVDDL) below threshold
0h = No interrupt
1h = Interrupt
4
IL_BOPA
R
0h
BOP active
0h = No interrupt
1h = Interrupt
3
IL_BOPD
R
0h
BOP detected
0h = No interrupt
1h = Interrupt
2-0
Reserved
R
0h
Reserved
8.9.42 Page = 0x00 Address = 0x49 [Reset = 00h]
Bit
Field
Type
Reset
Description
7
IR_BOPM
R
0h
Interrupt due to BOP mute
0h = No interrupt
1h = Interrupt
6
IR_BOPIH
R
0h
Interrupt due to BOP infinite hold
0h = No interrupt
1h = Interrupt
5
IR_LIMMA
R
0h
Interrupt due to limiter max attenuation
0h = No interrupt
1h = Interrupt
4
IR_PBIP
R
0h
Interrupt due to PVDDH below limiter inflection point
0h = No interrupt
1h = Interrupt
3
IR_LIMA
R
0h
Interrupt due to limiter active
0h = No interrupt
1h = Interrupt
2
IR_TDMCE
R
0h
Interrupt due to TDM clock error
0h = No interrupt
1h = Interrupt
1
IR_OC
R
0h
Interrupt due to over current
0h = No interrupt
1h = Interrupt
0
IR_OT
R
0h
Interrupt due to over temperature
0h = No interrupt
1h = Interrupt
8.9.43 Page = 0x00 Address = 0x4A [Reset = 00h]
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
IR_OTPCRC
R
0h
Interrupt due to OTP CRC error
0h = No interrupt
1h = Interrupt
5-1
Reserved
R
00h
Reserved
0
IR_VBATLIM
R
0h
Interrupt due to gain limiter
0h = No interrupt
1h = Interrupt
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com