Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 3Page - Texas Instruments TAS2781RYYR Datasheet HTML 4Page - Texas Instruments TAS2781RYYR Datasheet HTML 5Page - Texas Instruments TAS2781RYYR Datasheet HTML 6Page - Texas Instruments TAS2781RYYR Datasheet HTML 7Page - Texas Instruments TAS2781RYYR Datasheet HTML 8Page - Texas Instruments TAS2781RYYR Datasheet HTML 9Page - Texas Instruments TAS2781RYYR Datasheet HTML 10Page - Texas Instruments TAS2781RYYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
TA = 25 °C, PVDDH = 18 V, PVDDL= 3.8 V, AVDD = 1.8 V, IOVDD =1.8 V, RL = 4Ω + 15µH, fin = 1 kHz, fs = 48 kHz, Gain =
21 dBV, SDZ = 1, NG_EN=0, EN_LLSR=0, PWR_MODE1, Measured filter free as in Section 7 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DNR
Dynamic Range
A-Weighted, -60 dBFS
110
dB
A-Weighted, -60 dBFS, PWR_MODE2
109
A-Weighted, -60 dBFS, PWR_MODE0
109
SNR
Signal to Noise Ratio
A-Weighted, Referenced to 1 % THD+N Output Level
110
dB
A-Weighted, Referenced to 1 % THD+N Output Level,
PWR_MODE2(1)
110
A-Weighted, Referenced to 1 % THD+N Output Level,
PWR_MODE0
109
KCP
Click and Pop Performance
Idle mode, into and out of Shutdown mode, A-weighted
0.8
mV
Full Scale Output Voltage
fs ≤ 48 kHz
21
dBV
Minimum Programmable Gain fs ≤ 48 kHz
11
dBV
Maximum Programmable
Gain
fs ≤ 48 kHz
21
Programmable Output Level
Step Size
0.5
dB
Mute attenuation
Device in Software Shutdown or Muted in normal operation
108
dB
Chip to Chip Group Delay
-1
1
µs
PVDDH Power Supply
Rejection Ratio
PVDDH = 18 V + 200 mVpp, fripple = 217 Hz
118
dB
PVDDH = 18 V + 200 mVpp, fripple = 1 kHz
110
PVDDH = 18 V + 200 mVpp, fripple = 20 kHz
98
PVDDL Power Supply
Rejection Ratio
PVDDL = 5 V + 200 mVpp, fripple = 217 Hz
114
dB
PVDDL = 5 V + 200 mVpp, fripple = 1 kHz
109
PVDDL = 5 V + 200 mVpp, fripple = 20 kHz
93
AVDD Power Supply
Rejection Ratio
AVDD = 1.8 V + 200 mVpp, fripple = 217 Hz
105
dB
AVDD = 1.8 V + 200 mVpp, fripple = 1 kHz
103
AVDD = 1.8 V + 200 mVpp, fripple = 20 kHz
88
Power Supply Inter-
modulation
PVDDH, 217 Hz, 100-mVpp, Input f = 1 kHz @ 400 mW
-120
dB
PVDDL,217 Hz, 100-mVpp, Input f = 1 kHz @ 400 mW
-120
AVDD, 217 Hz, 100-mVpp, Input f = 1 kHz @ 400 mW
-80
IOVDD 217 Hz, 100-mVpp, Input f = 1 kHz @ 400 mW
-117
Turn ON Time from Release
of Software Shutdown
No Volume Ramping
1.13
ms
Volume Ramping
6.73
Turn OFF Time From
Assertion of Software
Shutdown to Amp Hi-Z
No Volume Ramping
0.56
ms
Volume Ramping
6
Out of Hardware Shutdown to
first I2C command
1
ms
SDZ timeout
Exiting HW Shutdown
2
6
23.8
ms
Turn OFF Time when
Software Shutdow
fs = 48 ksps, DVC_RMP_RT[3:2] = 3h (disabled). Multiply
by 48/fs for differet sampling rate.
1
ms
fs = 48 ksps, DVC_RMP_RT[3:2] = 0h (enabled). Multiply by
48/fs for different sampling rate.
12.5
DIE TEMPERATURE
SENSOR
Resolution
8
bits
Minimum Temperature
Measurement Range
-40
°C
Maximum Temperature
Measurement Range
150
°C
Die Temperature Resolution
1
°C
Die Temperature Accuracy
-5
5
°C
VOLTAGE
MONITOR
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com