Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 42 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 38Page - Texas Instruments TAS2781RYYR Datasheet HTML 39Page - Texas Instruments TAS2781RYYR Datasheet HTML 40Page - Texas Instruments TAS2781RYYR Datasheet HTML 41Page - Texas Instruments TAS2781RYYR Datasheet HTML 42Page - Texas Instruments TAS2781RYYR Datasheet HTML 43Page - Texas Instruments TAS2781RYYR Datasheet HTML 44Page - Texas Instruments TAS2781RYYR Datasheet HTML 45Page - Texas Instruments TAS2781RYYR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
Bit
Field
Type
Reset
Description
6-3
LIM_RLS_RT[3:0]
RW
6h
Limter release rate
0h = 2 ms/dB
1h = 4 ms/dB
2h = 8 ms/dB
3h = 16 ms/dB
4h = 32 ms/dB
5h = 64 ms/dB
6h = 128 ms/dB
7h = 256 ms/dB
8h = 512 ms/dB
9h = 1024 ms/dB
Ah = 2048 ms/dB
Bh = 4096 ms/dB
Ch = 8192 ms/dB
Ch = 16384 ms/dB
Eh - Fh = Reserved
2-0
LIM_HLD[2:0]
RW
6h
Limiter hold time
0h = Reserved
1h = 10 ms
2h = 25 ms
3h = 50 ms
4h = 100 ms
5h = 250 ms
6h = 500 ms (default)
7h = 1000 ms
8.9.24 Page = 0x00 Address = 0x1D [Reset = 00h]
Bit
Field
Type
Reset
Description
7
ICC_EN
RW
0h
ICC pin
0h = Disabled
1h = Enabled
6-3
ICC_PAIR_DEV[3:0]
RW
0h
ICC device pair number (default = 0h)
0h = Device paired with Device 0
1h = Device paired with Device 1
….….
7h = Device paired with Device 7
8h - Fh = Device not paired
2-0
ICC_DEV[2:0]
RW
0h
ICC device number (default = 0h)
0h = Device transmits gain in Slot 0 of ICC bus
1h = Device transmits gain in Slot 1 of ICC bus
2h = Device transmits gain in Slot 2 of ICC bus
3h = Device transmits gain in Slot 3 of ICC bus
4h = Device transmits gain in Slot 4 of ICC bus
5h = Device transmits gain in Slot 5 of ICC bus
6h = Device transmits gain in Slot 6 of ICC bus
7h = Device transmits gain in Slot 7 of ICC bus
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
42
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com