Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 34 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 30Page - Texas Instruments TAS2781RYYR Datasheet HTML 31Page - Texas Instruments TAS2781RYYR Datasheet HTML 32Page - Texas Instruments TAS2781RYYR Datasheet HTML 33Page - Texas Instruments TAS2781RYYR Datasheet HTML 34Page - Texas Instruments TAS2781RYYR Datasheet HTML 35Page - Texas Instruments TAS2781RYYR Datasheet HTML 36Page - Texas Instruments TAS2781RYYR Datasheet HTML 37Page - Texas Instruments TAS2781RYYR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
Table 8-8. Fault Interrupt Mask (continued)
Interrupt
Live Register
Latch Register
Mask Register
Default (1 = Mask)
BOP Power Down
-
IR_BOPPD
IM_BOPPD
1
PVDDH Below Limiter Inflection
IL_PBIP
IR_PBIP
IM_PBIP
1
Limiter Active
IL_LIMA
IR_LIMA
IM_LIMA
1
Limiter Max Atten
IL_LIMMA
IR_LIMMA
IM_LIMMA
1
PVDDH UVLO
Device in shutdown
IR_PUVLO
IM_PUVLO
0
PVDDL UVLO
Device in shutdown
-
-
-
OTP CRC Error
Device in shutdown
IR_OTPCRC
IM_OTPCRC
0
PVDDL Gain Limiter
IL_VBATLIM
IR_VBATLIM
IM_VBATLIM
1
Internal PLL Clock Error
Device in shutdown
IR_PLL_CLK
IM_PLL_CLK
1
Noise Gate Active
IL_NGA
-
-
-
PVDDH - PVDDL Below Threshold
IL_PVBT
IR_PVBT
IM_PVBT
0
Internal PVDDL LDO Under Voltage
Device in shutdown
IR_LDO_UV
IM_LDO_UV
0
Thermal Detector Threshold 2
Device in shutdown
IR_TDTH2
IM_TDTH2
0
Thermal Detector Threshold 1
IL_TDTH1
IR_TDTH1
IM_TDTH1
0
8.7 Power Sequencing Requirements
There are no power sequencing requirements for order of rate of ramping up or down as long as SDZ pin is kept
low.
8.8 Digital Input Pull Downs
The I2S/TDM interface pins and the ICC pin have optional weak pull down resistors to prevent the pins from
floating. Register bits DIN_PD[4:0] from are used to enable/disable pull downs. The pull downs are not enabled
during Hardware Shutdown.
8.9 Register Map
8.9.1 Page = 0x00 Address = 0x00 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
PAGE[7:0]
RW
0h
Sets the device page.
00h = Page 0
01h = Page 1
...
FFh = Page 255
8.9.2 Page = 0x00 Address = 0x01 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-1
Reserved
RW
0h
Reserved
0
SW_RESET
RW
0h
Software reset
0b = De-asserted (default)
1b = Asserted
8.9.3 Page = 0x00 Address = 0x02 [Reset = 1Ah]
Bit
Field
Type
Reset
Description
7
BOP_SRC
RW
0h
BOP input source and PVDD UVLO
0b = PVDDL input and PVDDH UVLO disabled (default)
1b = PVDDH input and PVDDH UVLO enabled.
6-5
Reserved
RW
0h
Reserved
4
ISNS_PD
RW
1h
Current Sense
0b = Active
1b = Powered down
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com