Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 45 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 41Page - Texas Instruments TAS2781RYYR Datasheet HTML 42Page - Texas Instruments TAS2781RYYR Datasheet HTML 43Page - Texas Instruments TAS2781RYYR Datasheet HTML 44Page - Texas Instruments TAS2781RYYR Datasheet HTML 45Page - Texas Instruments TAS2781RYYR Datasheet HTML 46Page - Texas Instruments TAS2781RYYR Datasheet HTML 47Page - Texas Instruments TAS2781RYYR Datasheet HTML 48Page - Texas Instruments TAS2781RYYR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
Bit
Field
Type
Reset
Description
3-0
LVS_HYS[3:0]
RW
Dh
PVDDH to PVDDL hysteresis time
0h - 9h = Reserved
Ah = 1 ms
Bh = 10 ms
Ch = 20 ms
Dh = 50 ms (default)
Eh = 75 ms
Fh = 100 ms
*For sampling rates fs < 48 ksps multiply the values by 48/fs
8.9.30 Page = 0x00 Address = 0x37 [Reset = A8h]
Bit
Field
Type
Reset
Description
7
LVS_DET
RW
1h
Low Voltage Signaling threshold
0h = Fixed
1h = Relative to PVDDL voltage
6-5
Reserved
R
1h
Reserved
4-0
LVS_FTH[4:0]
RW
08h
Threshold for LVS (CDS_MODE = 0h)
00h = -18.5 dBFS
01h = -18.25 dBFS (default)
02h = -18 dBFS
03h = -17.75 dBFS
04h = -17.5 dBFS
..
08h = -16.5 dBFS (default)
..
1Eh = -11 dBFS
1Fh = -10.75 dBFS
8.9.31 Page = 0x00 Address = 0x38 [Reset = 00h]
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
DIN_PD[4]
RW
0h
Weak pull down for ICC
0h = Disabled
1h = Enabled
5
DIN_PD[3]
RW
0h
Weak pull down for SDOUT
0h = Disabled
1h = Enabled
4
DIN_PD[2]
RW
0h
Weak pull down for SDIN
0h = Disabled
1h = Enabled
3
DIN_PD[1]
RW
0h
Weak pull down for FSYNC
0h = Disabled
1h = Enabled
2
DIN_PD[0]
RW
0h
Weak pull down for SBCLK
0h = Disabled
1h = Enabled
1-0
Reserved
R
0h
Reserved
8.9.32 Page = 0x00 Address = 0x3B [Reset = FCh]
Bit
Field
Type
Reset
Description
7
IM_BOPM
RW
1h
BOP mute interrupt
0h = No Mask
1h = Mask
6
IM_BOPIH
RW
1h
Bop infinite hold interrupt.
0h = No Mask
1h = Mask
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com