Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 52 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 52 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 48Page - Texas Instruments TAS2781RYYR Datasheet HTML 49Page - Texas Instruments TAS2781RYYR Datasheet HTML 50Page - Texas Instruments TAS2781RYYR Datasheet HTML 51Page - Texas Instruments TAS2781RYYR Datasheet HTML 52Page - Texas Instruments TAS2781RYYR Datasheet HTML 53Page - Texas Instruments TAS2781RYYR Datasheet HTML 54Page - Texas Instruments TAS2781RYYR Datasheet HTML 55Page - Texas Instruments TAS2781RYYR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
Bit
Field
Type
Reset
Description
5-3
CLK_HALT_TIMER[2:0]
RW
3h
Clock halt timer values
0h = 820 μs
1h = 3.27 ms
2h = 26.21 ms
3h = 52.42 ms (default)
4h = 104.85 ms
5h = 209.71 ms
6h = 419.43 ms
7h = 838.86 ms
2
IRQZ_CLR
RW
0h
Clear interrupt latch registers
0h = Do not clear
1h = Clear (self clearing bit)
1-0
IRQZ_CFG[1:0]
RW
1h
IRQZ interrupt configuration. IRQZ will assert
0h = On any unmasked live interrupt
1h = On any unmasked latched interrupt (default)
2h = For 2 - 4 ms one time on any unmasked live interrupt event
3h = For 2 - 4 ms every 4 ms on any unmasked latched interrupt
8.9.54 Page = 0x00 Address = 0x5D [Reset = 80h]
Bit
Field
Type
Reset
Description
7
IRQZ_POL
RW
1h
IRQZ pin polarity
0h = Active high
1h = Active low
6-0
Reserved
R
00h
Reserved
8.9.55 Page = 0x00 Address = 0x60 [Reset = 0Dh]
Bit
Field
Type
Reset
Description
7-2
SBLK_FS_RATIO[5:0]
RW
3h
SBCLK to FS ratio when AUTO_RATE=1 (disabled).
See Table 8-9.
1-0
Reserved
R
1h
Reserved
Table 8-9. SBCLK to FSYNC Ratio (AUTO_RATE=1)
00h = 16
01h = 24
02h = 32
03h = 48 (defaut)
04h = 64
05h = 96
06h = 128
07h = 192
08h = 256
09h = 384
0Ah = 512
0Bh = 125
0Ch = 250
0Dh = 500
0Eh - 3Fh = Reserved
8.9.56 Page = 0x00 Address = 0x63 [Reset = 48]
Bit
Field
Type
Reset
Description
7
IDLE_IND
RW
0h
Idle channel optimization
0h = Used for inductors ,15 μH and higher
1h = Used for 5 μH inductors
6-0
Reserved
R
48h
Reserved
8.9.57 Page = 0x00 Address = 0x65 [Reset = 08]
Bit
Field
Type
Reset
Description
7
PWR_LIM_SRC
RW
0h
Limiter power source
0h = PVDDL
1h = PVDDH
6-0
Reserved
R
08h
Reserved
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
52
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com