Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 25 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 21Page - Texas Instruments TAS2781RYYR Datasheet HTML 22Page - Texas Instruments TAS2781RYYR Datasheet HTML 23Page - Texas Instruments TAS2781RYYR Datasheet HTML 24Page - Texas Instruments TAS2781RYYR Datasheet HTML 25Page - Texas Instruments TAS2781RYYR Datasheet HTML 26Page - Texas Instruments TAS2781RYYR Datasheet HTML 27Page - Texas Instruments TAS2781RYYR Datasheet HTML 28Page - Texas Instruments TAS2781RYYR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
voltage will be dynamically set 10% below the current PVDDH. In this use case the limiting will begin at signal
levels lower than the supply voltage and prevent clipping from occurring.
To achieve a limiter that tracks PVDDH only up to a minimum threshold, configure the limiter LIM_MAX_TH[31:0]
and LIM_SLP[31:0] register bits as in the previous examples. Then additionally set the LIM_MIN_TH[31:0]
register bits to the desired minimum threshold. Supply voltage below this minimum threshold will not continue to
decrease the signal output voltage. This is shown in .
By setting register bit LIM_DYHDR to low the limiter mechanism depends on settings for maximum and minimum
thresholds, inflection point and slope. By default this bit is high and the limiter dynamic headroom is enabled.
8.4.2.10 Brownout Prevention
Brownout Prevention (BOP) feature provides a priority input to the limiter to generate a fast response to transient
dips in supply voltage at end of charge conditions that can cause system level brownout. When supply voltage
dips below the BOP threshold, the limiter begins reducing gain at a configurable attack rate. When supply
voltage rises above the BOP threshold, the limiter will begin to release after the programmed hold time. The
BOP feature can be enabled by setting the BOP_EN[0] register bit high. The brownout supply source can be set
using BOP_SRC register bit to either PVDDH or PVDDL depending on application.
By default BOP supply source is set to PVDDL input and the SAR converter will digitize the PVDDH and PVDDL
voltages and temperature. The PVDDH undervoltage detection will be disabled.
When BOP supply source is set to PVDDH input the SAR ADC converter willl digitize the PVDDH and PVDDL
voltages and temperature. The PVDDH undervoltage detection will be enabled in this case.To reduce latency in
the first attack of the BOP engine, PVDDL conversion can be bypassed by setting the register bit CNV_PVDDLto
low.
When BOP supply source is set to PVDDL input the SAR converter willl digitize the PVDDH and PVDDL
voltages and temperature. The PVDDH undervoltage detection will be disabled.
When the BOP is engaging the Supply Tracking Limiter is paused.
The BOP threshold is set by the BOP_TH[31:0] bits from registers in . The setting of BOP_MUTE bit determines
if once the supply goes below the threshold the device mutes audio and shuts down or just attenuates the audio
signal whit no muting.
The TAS2781 can also immediately mute and then shutdown the device when a BOP event occurs by reaching
the threshold set by the BOPSD_TH[31:0] bits from registers in if the BOPSD_EN register bit is set high. This
shutdown feature is auto disabled internally when BOP_MUTE is set high.
The BOP has programmable attack rate register bits BOP_ATK[2:0], attack step size register bits
BOP_ATK_ST[1:0] and hold time register bits BOP_HLD[2:0]).
When the system comes out of BOP the supply tracking limiter release will be engaged. If the limiter is disabled
the gain will be released as per limiter release settings.
The hold time can be set to Infinite by programming the BOP_INF_HLD register bit to high. The device will need
to transition through a mute or SW/HW shutdown state or the register bit BOP_HLD_CLR can be set to high
(which will cause the device to exit the hold state and begin releasing).
When BOP_INF_HLD bit is set low the device will hold based on programming of BOP_HLD[2:0] bits.
8.4.2.11 ICC Pin and Inter-Chip Communication
The TAS2781 supports dual gain balancing in stereo applications. One device can be paired with only one other
device in the system.
The ICC pin will be connected to an ICC bus with bus keeper. Pin 17 (NC_V1P8V) supplying ICC buffer needs to
be connected to an 1.8 V supply.
The SDOUT pin cannot be used for gain alignment.
The ICC_CFG[2:0] bits of register from configure the functionality of the ICC pin.
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com