Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 65 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 65 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 61Page - Texas Instruments TAS2781RYYR Datasheet HTML 62Page - Texas Instruments TAS2781RYYR Datasheet HTML 63Page - Texas Instruments TAS2781RYYR Datasheet HTML 64Page - Texas Instruments TAS2781RYYR Datasheet HTML 65Page - Texas Instruments TAS2781RYYR Datasheet HTML 66Page - Texas Instruments TAS2781RYYR Datasheet HTML 67Page - Texas Instruments TAS2781RYYR Datasheet HTML 68Page - Texas Instruments TAS2781RYYR Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
8.9.140 Page = 0x06 Address = 0x40 - 0x43 [Reset = F8000000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_06[31:0]
RW
F8000000h 16 step Class-H duty cycle is 31.25 %
8.9.141 Page = 0x06 Address = 0x44 - 0x47 [Reset = FC000000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_07[31:0]
RW
FC000000h 16 step Class-H duty cycle is 37.5 %
8.9.142 Page = 0x06 Address = 0x48 - 0x4B [Reset = FE000000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_08[31:0]
RW
FE000000h 16 step Class-H duty cycle is 43.75 %
8.9.143 Page = 0x06 Address = 0x4C - 0x4F [Reset = FF000000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_09[31:0]
RW
FF000000h 16 step Class-H duty cycle is 50 %
8.9.144 Page = 0x06 Address = 0x50 - 0x53 [Reset = FF800000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_10[31:0]
RW
FF800000h 16 step Class-H duty cycle is 56.25 %
8.9.145 Page = 0x06 Address = 0x54 - 0x57 [Reset = FFC00000h]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_11[31:0]
RW
FFC00000h 16 step Class-H duty cycle is 62.5 %
8.9.146 Page = 0x06 Address = 0x58 - 0x5B [Reset = FFE00000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_12[31:0]
RW
FFE00000h 16 step Class-H duty cycle is 68.75 %
8.9.147 Page = 0x06 Address = 0x5C - 0x5F [Reset = FFF00000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_13[31:0]
RW
FFF00000h 16 step Class-H duty cycle is 75 %
8.9.148 Page = 0x06 Address = 0x60 - 0x63 [Reset = FFF00000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_14[31:0]
RW
FFF00000h 16 step Class-H duty cycle is 75 %
For 81.25 % set registers to FF800000h
8.9.149 Page = 0x06 Address = 0x64 - 0x67 [Reset = FFF00000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_15[31:0]
RW
FFF00000h
16 step Class-H duty cycle is 75 %
For 87.5 % set registers to FFFC0000h
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com