Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 43 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 39Page - Texas Instruments TAS2781RYYR Datasheet HTML 40Page - Texas Instruments TAS2781RYYR Datasheet HTML 41Page - Texas Instruments TAS2781RYYR Datasheet HTML 42Page - Texas Instruments TAS2781RYYR Datasheet HTML 43Page - Texas Instruments TAS2781RYYR Datasheet HTML 44Page - Texas Instruments TAS2781RYYR Datasheet HTML 45Page - Texas Instruments TAS2781RYYR Datasheet HTML 46Page - Texas Instruments TAS2781RYYR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
8.9.25 Page = 0x00 Address = 0x1F [Reset = 01h]
Bit
Field
Type
Reset
Description
7-5
HS_OC[2:0]
RW
0h
High side OC threshold
0h = Nominal OC threshold (default)
1h = OC threshold increased by 10% of nominal
2h = OC threshold increased by 20% of nominal
3h = OC threshold increased by 30% of nominal
4h = OC threshold reduced by 40% of nominal
5h = OC threshold reduced by 30% of nominal
6h = OC threshold reduced by 20% of nominal
7h = OC threshold reduced by 10% of nominal
4
BOPSD_EN
RW
0h
BOP shutdown
0h = Disabled
1h = Enabled
0
BOP_HLD_CLR
RW
0h
BOP infinite hold clear (self clearing)
0h = Do not clear
1h = Clear
BOP_INF_HLD
RW
0h
Infinite hold in BOP event
0h = Use BOP_HLD after BOP event
1h = Do not release until BOP_HLD_CLR is asserted high
BOP_MUTE
RW
0h
Mute in BOP event
0h = Do not mute
1h = Mute followed by device shutdown
BOP_EN
RW
1h
BOP
0h = Disabled
1h = Enabled
8.9.26 Page = 0x00 Address = 0x20 [Reset = 2Eh]
Bit
Field
Type
Reset
Description
7-5
BOP_ATK_RT[2:0]
RW
1h
Brown out prevention attack rate
0h = 1 step in 1 sample
1h = 1 step in 2 samples (default)
2h = 1 step in 4 samples
3h = 1 step in 8 samples
4h = 1 step in 16 samples
5h = 1 step in 32 samples
6h = 1 step in 64 samples
7h = 1 step in 128 samples
4-3
BOP_ATK_ST[1:0]
RW
1h
Brown out prevention attack step size
0h = 0.5 dB
1h = 1 dB (default)
2h = 1.5 dB
3h = 2 dB
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com