Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 24 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 20Page - Texas Instruments TAS2781RYYR Datasheet HTML 21Page - Texas Instruments TAS2781RYYR Datasheet HTML 22Page - Texas Instruments TAS2781RYYR Datasheet HTML 23Page - Texas Instruments TAS2781RYYR Datasheet HTML 24Page - Texas Instruments TAS2781RYYR Datasheet HTML 25Page - Texas Instruments TAS2781RYYR Datasheet HTML 26Page - Texas Instruments TAS2781RYYR Datasheet HTML 27Page - Texas Instruments TAS2781RYYR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
Configurable attack rate, hold time and release rate are provided to shape the dynamic response of the limiter
(LIM_ATK[3:0], LIM_HLD[2:0] and LIM_RLS[3:0] bits of registers from and .
A maximum level of attenuation applied by the limiter is configurable via the LIM_MAX_AT[3:0] bits of register . If
the limiter is attacking and if it reaches the maximum attenuation, gain will not be reduced any further.
The limiter begins reducing gain when the output signal level is greater than the limiter threshold. The limiter can
be configured to track PVDDH below a programmable inflection point with a minimum threshold value. shows the
limiter configured to limit to a constant level regardless of PVDDH level. To achieve this behavior, set the limiter
maximum threshold to the desired level via the LIM_MAX_TH[31:0] register bits. Set the limiter inflection point
(register bits LIM_INF[31:0]) below the minimum allowable PVDDH setting. The limiter minimum threshold, set
by register bits LIM_MIN_TH[31:0], does not impact limiter behavior in this use case.
Figure 8-1. Limiter with Fixed Threshold
Figure 8-2. Limiter with Inflection Point
Figure 8-3. Limiter with Dynamic Threshold
Figure 8-4. Limiter with Inflection Point and
Minimum Threshold
shows how to configure the limiter to track PVDDH below a threshold without a minimum threshold. Set the
LIM_MAX_TH[31:0] register bits to the desired threshold and LIM_INF[31:0] register bits to the desired inflection
point where the limiter will begin reducing the threshold with PVDDH. The LIM_SLP[31:0] register bits can be
used to change the slope of the limiter tracking with PVDDH. The default value of 1 V/V will reduce the threshold
1 V for every 1 V of drop in PVDDH supply. More aggressive tracking slopes can be programmed if desired.
Program the LIM_MIN_TH[31:0] bits below the minimum PVDDH to prevent the limiter from having a minimum
threshold reduction when tracking PVDDH.
The limiter with a supply tracking slope can be configured in an alternate way. By setting LIM_DYHDR register
bit to 1'b1 in register in , a headroom can be specified as a percentage of the supply voltage using a 1V/V slope
by setting LIM_HDR[4:0] register bits. For example if a headroom of -10% is specified, the peak output voltage
will be set to be 10% higher than PVDDH. In this use case presented in the limiting begins for signals above
the supply voltage and will result in a fixed clipping. If a positive headroom of +10% is specified the peak output
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com