Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 54 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 54 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 50Page - Texas Instruments TAS2781RYYR Datasheet HTML 51Page - Texas Instruments TAS2781RYYR Datasheet HTML 52Page - Texas Instruments TAS2781RYYR Datasheet HTML 53Page - Texas Instruments TAS2781RYYR Datasheet HTML 54Page - Texas Instruments TAS2781RYYR Datasheet HTML 55Page - Texas Instruments TAS2781RYYR Datasheet HTML 56Page - Texas Instruments TAS2781RYYR Datasheet HTML 57Page - Texas Instruments TAS2781RYYR Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 90 page
background image
8.9.61 Page = 0x00 Address = 0x6B [Reset = 7Bh]
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
CNV_PVDDL
RW
1h
Convert the PVDDL when BOP source is PVDDH
0h = No PVDDL conversion
1h = PVDDL conversion
5-3
FS_RATE[2:0]
RW
7h
Detected sample rate of TDM bus
0h - 3h = Reserved
4h = 44.1/48 kHz
5h = 88.2/96 kHz
6h = Reserved
7h = Error condition (default)
2
NGFR_EN
RW
0h
Noise Gate fine resolution register mode
0h = Disabled
1h = Enabled
1-0
Reserved
R
3h
Reserved
8.9.62 Page = 0x00 Address = 0x6C - 0x6E [Reset = 00001Ah]
Bit
Field
Type
Reset
Description
23-0
NGFR_LVL[23:0]
RW
00001Ah
Sets Noise Gate threshold to a level NGLV(dBFS)
dec2hex[round(10^(NGLV/20)*2^31)]
8.9.63 Page = 0x00 Address = 0x6F [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
NGFR_HYST[18:11]
RW
0h
Sets Noise Gate hysterisis to a value NGHYS(ms)
dec2bin[(NGHYS*fs), 19]
fs = sampling rate in kHz
Recommended to be set above 1ms.
8.9.64 Page = 0x00 Address = 0x70 [Reset = 96h]
Bit
Field
Type
Reset
Description
7-0
NGFR_HYST[10:3]
RW
96h
Sets Noise Gate hysterisis to a value NGHYS(ms)
dec2bin[(NGHYS*fs), 19]
fs = sampling rate in kHz
8.9.65 Page = 0x00 Address = 0x71 [Reset = 02h]
Bit
Field
Type
Reset
Description
7
CLASSH_EN
RW
0h
Class-H controller
0h = Disabled (default)
1h = Enabled
6
PWM_POL
RW
0h
Select PWM polarity
0h = Normal
1h = Inverted
5-0
PVDDH_UV_TH[5:0]
RW
02h
PVDDH under voltage threshold
00h = 1.753 V
01h = 2.09 V
02h = 2.428 V (default)
...........
3Fh = 23 V
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
54
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com