Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 41 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 37Page - Texas Instruments TAS2781RYYR Datasheet HTML 38Page - Texas Instruments TAS2781RYYR Datasheet HTML 39Page - Texas Instruments TAS2781RYYR Datasheet HTML 40Page - Texas Instruments TAS2781RYYR Datasheet HTML 41Page - Texas Instruments TAS2781RYYR Datasheet HTML 42Page - Texas Instruments TAS2781RYYR Datasheet HTML 43Page - Texas Instruments TAS2781RYYR Datasheet HTML 44Page - Texas Instruments TAS2781RYYR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
8.9.20 Page = 0x00 Address = 0x17 [Reset = 80h]
Bit
Field
Type
Reset
Description
7-4
LIM_MAX_AT[3:0]
RW
8h
Limiter maximum attenuation (default = 8h)
0h = -1 dB
1h = -2 dB
2h = -3 dB
…
0Eh = -15 dB
0Fh = Reserved
3-0
Reserved
R
0h
Reserved
8.9.21 Page = 0x00 Address = 0x1A [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
DVC_LVL[7:0]
RW
00h
Digital volume control
00h = 0 dB
01h = -0.5 dB
02h = -1 dB
...
C8h = -100 dB
Others : Mute
8.9.22 Page = 0x00 Address = 0x1B [Reset = 62h]
Bit
Field
Type
Reset
Description
LIMB_SRC
RW
0h
Voltage limiter input source
0h = PVDDL input
1h = PVDDH input
7 - 6
Reserved
R
1h
Reserved
5
LIM_HR_EN
RW
1h
Limiter dynamic headroom
0h = Disabled
1h = Enabled
4-1
LIM_ATK_RT[3:0]
RW
1h
Limiter attack rate
00h = 20 μs/dB
01h = 40 μs/dB
02h = 80 μs/dB
03h = 160 μs/dB
04h = 320 μs/dB
05h = 640 μs/dB
06h = 1280 μs/dB
07h = 2560 μs/dB
08h = 5120 μs/dB
09h = 10240 μs/dB
10h = 20480 μs/dB
11h = 40960 μs/dB
12h = 81920 μs/dB
13h = 163840 μs/dB
Others : Reserved
0
LIM_EN
RW
0h
Limiter is
0h = Disabled
1h = Enabled
8.9.23 Page = 0x00 Address = 0x1C [Reset = 36h]
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com