Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 55 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 55 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 51Page - Texas Instruments TAS2781RYYR Datasheet HTML 52Page - Texas Instruments TAS2781RYYR Datasheet HTML 53Page - Texas Instruments TAS2781RYYR Datasheet HTML 54Page - Texas Instruments TAS2781RYYR Datasheet HTML 55Page - Texas Instruments TAS2781RYYR Datasheet HTML 56Page - Texas Instruments TAS2781RYYR Datasheet HTML 57Page - Texas Instruments TAS2781RYYR Datasheet HTML 58Page - Texas Instruments TAS2781RYYR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
8.9.66 Page = 0x00 Address = 0x73 [Reset = 08h]
Bit
Field
Type
Reset
Description
7-6
DEM_CTRL[1:0]
RW
0h
DAC MSB and LSB DEM enable/disable control
0h = MSB Enabled, LSB = Enabled (default)
1h = MSB Enabled, LSB = Disabled
2h = MSB Disabled, LSB = Enabled
3h = MSB Disabled, LSB = Disabled - Recommended setting for
ultrasonic use case
5
DIS_DITH
RW
0h
DAC MSB modulator dither control
0b = Enabled
1b = Disabled - Recommended for ultrasonic use case
4-0
LIM_HDR[4:0]
RW
08h
Limiter headroom
00h = -20%
01h = -17.5%
02h = -15%
….….….….….….….
0Fh = 17.5%
10h = 20%
11h - 1F = Reserved
8.9.67 Page = 0x00 Address = 0x77 [Reset = 00h]
Bit
Field
Type
Reset
Description
7
SPC_PD
RW
0h
Weak pul down on SPI clock pin (NC_SCLK)
0h = Disabled
1h = Enabled
6
SPM_PD
RW
0h
Weak pul down on SPI data output pin (NC_SDO)
0h = Disabled
1h = Enabled
5-0
Reserved
R
00h
Reserved
8.9.68 Page = 0x00 Address = 0x7A [Reset = 60h]
Bit
Field
Type
Reset
Description
7
Reserved
RW
0h
Reserved
6
PWM_CTRL
RW
1h
PWM_CTRL pin configuration
0h = Push-pull
1h = Open drain
5-0
Reserved
RW
20h
Reserved
8.9.69 Page = 0x00 Address = 0x7E [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
I2C_CKSUM[7:0]
RW
00h
Returns I2C checksum. Writing to this register will reset the
checksum to the written value. This register is updated on writes
to other registers on all books and pages.
8.9.70 Page = 0x00 Address = 0x7F [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
BOOK[7:0]
RW
0h
Sets the device book.
00h = Book 0
01h = Book 1
...
FFh = Book 255
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com