Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 46 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 42Page - Texas Instruments TAS2781RYYR Datasheet HTML 43Page - Texas Instruments TAS2781RYYR Datasheet HTML 44Page - Texas Instruments TAS2781RYYR Datasheet HTML 45Page - Texas Instruments TAS2781RYYR Datasheet HTML 46Page - Texas Instruments TAS2781RYYR Datasheet HTML 47Page - Texas Instruments TAS2781RYYR Datasheet HTML 48Page - Texas Instruments TAS2781RYYR Datasheet HTML 49Page - Texas Instruments TAS2781RYYR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
Bit
Field
Type
Reset
Description
5
IM_LIMMA
RW
1h
Limiter max attenuation interrupt
0h = No Mask
1h = Mask
4
IM_PBIP
RW
1h
PVDDH below limiter inflection point interrupt
0h = No Mask
1h = Mask
3
IM_LIMA
RW
1h
Limiter active interrupt
0h = No Mask
1h = Mask
2
IM_TDMCE
RW
1h
TDM clock error interrupt
0h = No Mask
1h = Mask
1
IM_OC
RW
0h
Over current error interrupt
0h = No Mask
1h = Mask
0
IM_OT
RW
0h
Over temp error interrupt
0h = No Mask
1h = Mask
8.9.33 Page = 0x00 Address = 0x3C [Reset = BBh]
Bit
Field
Type
Reset
Description
7
Reserved
R
1h
Reserved
6
IM_OTPCRC
RW
0h
OTP_CRC error interupt
0h = No Mask
1h = Mask
5-1
Reserved
R
1Dh
Reserved
0
IM_VBATLIM
RW
1h
Gain limiter active interrupt
0h = No Mask
1h = Mask
8.9.34 Page = 0x00 Address = 0x3D [Reset = DDh]
Bit
Field
Type
Reset
Description
7
IM_PLL_CLK
RW
1h
Internal PLL derived clock error inerrupt
0h = No Mask
1h = Mask
6-0
Reserved
R
1h
Reserved
8.9.35 Page = 0x00 Address = 0x40 [Reset = F6h]
Bit
Field
Type
Reset
Description
7
IM_TO105
RW
1h
Temperature over 105 ºC interrupt.
0h = No Mask
1h = Mask
6
IM_TO115
RW
1h
Temperature over 115 ºC interrupt.
0h = No Mask
1h = Mask
5
IM_TO125
RW
1h
Temperature over 125 ºC interrupt.
0h = No Mask
1h = Mask
4
IM_TO135
RW
1h
Temperature over 135 ºC interrupt.
0h = No Mask
1h = Mask
3
IM_LDO_UV
RW
0h
Internal PVDDL LDO under voltage
0h = No Mask
1h = Mask
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com