Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 3 Page - Texas Instruments

  TAS2781RYYR Datasheet HTML 1Page - Texas Instruments TAS2781RYYR Datasheet HTML 2Page - Texas Instruments TAS2781RYYR Datasheet HTML 3Page - Texas Instruments TAS2781RYYR Datasheet HTML 4Page - Texas Instruments TAS2781RYYR Datasheet HTML 5Page - Texas Instruments TAS2781RYYR Datasheet HTML 6Page - Texas Instruments TAS2781RYYR Datasheet HTML 7Page - Texas Instruments TAS2781RYYR Datasheet HTML 8Page - Texas Instruments TAS2781RYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
5 Pin Configuration and Functions
Figure 5-1. Package 30-Pin HR-QFN Bottom View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ADDR
23
I
Address detect pin. Resistor value at this pin selects the I2C address. See Section 8.3.2.
AVDD
24
P
Analog power input. Connect to 1.8 V supply and decouple to GND with capacitor.
BSTN
30
P
Class-D negative bootstrap. Connect a capacitor between BSTN and OUTN.
BSTP
4
P
Class-D positive bootstrap. Connect a capacitor between BSTP and OUTP.
DGND
25
P
Device substrate ground. Connect to PCB ground plane. Avoid any common routing
inductance between this pin and GND pin.
DREG
10
P
Digital core voltage regulator output. Bypass to GND with a capacitor. Do not connect to
external load.
FSYNC
14
I
Frame Synchronization Clock.
GND
7
P
Analog ground. Connect to PCB ground plane.
ICC
6
IO
Inter-chip communication pin used to transmit gain alignment. Connect to GND if not used.
IOVDD
20
P
Digital IO Supply. Connect to 1.8 V or 3.3 V IO supply and decouple with a capacitor to
GND.
IRQZ
21
O
Open drain, active low interrupt pin. Pull up to IOVDD with resistor if optional internal pull up
is not used.
MODE
26
I
External configuration defines the mode of operation.
NC
16
-
Tied to GND.
NC_SCLK
9
I
I2C Mode: NC = Tied to GND,
SPI Mode: Clock pin.
NC_SDO
8
O
I2C Mode: NC = Tied to GND,
SPI Mode: Serial data output pin.
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com