Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 71 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 71 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 67Page - Texas Instruments TAS2781RYYR Datasheet HTML 68Page - Texas Instruments TAS2781RYYR Datasheet HTML 69Page - Texas Instruments TAS2781RYYR Datasheet HTML 70Page - Texas Instruments TAS2781RYYR Datasheet HTML 71Page - Texas Instruments TAS2781RYYR Datasheet HTML 72Page - Texas Instruments TAS2781RYYR Datasheet HTML 73Page - Texas Instruments TAS2781RYYR Datasheet HTML 74Page - Texas Instruments TAS2781RYYR Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
9.5 Application Curves
At TA = 25 °C, fSPK_AMP = 384 kHz, input signal fIN = 1 kHz - Sine, Load = 4 Ω + 15 μH, unless otherwise noted.
POUT (W)
0.001
0.01
0.1
1
10
40
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
PVDDL = 3.8 V, PVDDH = 12 V
PVDDL = 3.8 V, PVDDH = 18 V
PVDDL = 5 V, PVDDH = 18 V
PWR_MODE1
Figure 9-3. THD+N vs Output Power
POUT (W)
0.001
0.01
0.1
1
10
40
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
PVDDL = 3.8 V, PVDDH = 12 V
PVDDL = 3.8 V, PVDDH = 18 V
PVDDL = 5 V, PVDDH = 18 V
PWR_MODE0
Figure 9-4. THD+N vs Output Power
POUT (W)
0.02
0.1
1
10
25
0
10
20
30
40
50
60
70
80
90
100
PVDDL = 3.8 V, PVDDH = 12 V
PVDDL = 3.8 V, PVDDH = 18 V
PVDDL = 5 V, PVDDH = 18 V
PVDDL = 5 V, PVDDH = 21 V
PWR_MODE1
Figure 9-5. Efficiency vs Output Power
POUT (W)
0.02
0.1
1
10
25
0
10
20
30
40
50
60
70
80
90
100
PVDDL = 3.8 V, PVDDH = 12 V
PVDDL = 3.8 V, PVDD = 18 V
PVDDL = 5 V, PVDD = 18 V
PVDDL = 5 V, PVDD = 21 V
PWR_MODE0
Figure 9-6. Efficiency vs Output Power
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com