Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 87 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 87 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 82Page - Texas Instruments TAS2781RYYR Datasheet HTML 83Page - Texas Instruments TAS2781RYYR Datasheet HTML 84Page - Texas Instruments TAS2781RYYR Datasheet HTML 85Page - Texas Instruments TAS2781RYYR Datasheet HTML 86Page - Texas Instruments TAS2781RYYR Datasheet HTML 87Page - Texas Instruments TAS2781RYYR Datasheet HTML 88Page - Texas Instruments TAS2781RYYR Datasheet HTML 89Page - Texas Instruments TAS2781RYYR Datasheet HTML 90Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
www.ti.com
PACKAGE OUTLINE
3.6
3.4
4.1
3.9
1.0
0.8
0.05
0.00
2X 2.4
22X 0.4
2X 2
19X
0.5
0.3
26X
0.25
0.15
1.28
8X 0.425
0.95
2X
0.9
0.7
0.55
0.35
0.6
0.4
0.825
0.625
2X
0.9
0.7
8X
0.3
0.2
(0.09) TYP
VQFN-HR - 1 mm max height
RYY0030A
PLASTIC QUAD FLATPACK - NO LEAD
4228222/B 05/2022
0.08 C
0.1
C A B
0.05
C
0.1
C A B
0.05
C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
(45 X 0.15)
SYMM
SYMM
1
8
9
16
17
23
24
30
SCALE 3.000
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com