Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 2Page - Texas Instruments TAS2781RYYR Datasheet HTML 3Page - Texas Instruments TAS2781RYYR Datasheet HTML 4Page - Texas Instruments TAS2781RYYR Datasheet HTML 5Page - Texas Instruments TAS2781RYYR Datasheet HTML 6Page - Texas Instruments TAS2781RYYR Datasheet HTML 7Page - Texas Instruments TAS2781RYYR Datasheet HTML 8Page - Texas Instruments TAS2781RYYR Datasheet HTML 9Page - Texas Instruments TAS2781RYYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
TA = 25 °C, PVDDH = 18 V, PVDDL= 3.8 V, AVDD = 1.8 V, IOVDD =1.8 V, RL = 4Ω + 15µH, fin = 1 kHz, fs = 48 kHz, Gain =
21 dBV, SDZ = 1, NG_EN=0, EN_LLSR=0, PWR_MODE1, Measured filter free as in Section 7 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL(SDZ)
Low-level digital input logic
voltage threshold
SDZ
0.3 x
AVDD
V
VIH(1P8V)
High-level digital input logic
voltage threshold
ICC, NC_SCLK
0.7xNC_V1P
8V
V
VIL(1P8V)
Low-level digital input logic
voltage threshold
ICC, NC_SCLK
0.3 x
NC_V1P8
V
V
VOH
High-level digital output
voltage
SDOUT; IOH = 100 µA.
IOVDD–0.2 V
V
VOL
Low-level digital output
voltage
SDOUT; IOH = 100 µA.
0.2
V
VOL(I2C)
Low-level digital output
voltage
SDA_SDI; IOL = -1 mA.
0.2 x
IOVDD
V
VOH(1P8V)
High-level digital output
voltage
NC_SDO
0.8xNC_V1P
8V
V
VOL(1P8V)
Low-level digital output
voltage
NC_SDO
0.2xNC_
V1P8V
V
IIH
Input logic-high leakage for
digital inputs
All digital pins; Input = Supply Rail.
–1
1
µA
IIL
Input logic-low leakage for
digital inputs
All digital pins; Input = GND.
–1
1
µA
CIN
Input capacitance for digital
inputs
All digital pins
5
pF
RPD
Pull down resistance for IO
pins when asserted on
18
kΩ
ROS
OUT to VSNS resistors
Load disconnected
10
kΩ
IO
Output Current Strength
Measured at 0.4 V below supply and 0.4 V above GND.
8
mA
AMPLIFIER PERFORMANCE
POUT
Peak Output Power
THD+N = 10 %, PWR_MODE0(1), PWR_MODE1(2)
30
W
Maximum Continuous Output
Power
THD+N = 1 %, PVDDL = 5 V, PWR_MODE0, PWR_MODE1
25
System Efficiency
POUT = 1W, PVDDL = 5 V, PWR_MODE1
84
%
POUT = 1 W, PVDDL = 5 V, PWR_MODE0
79
POUT = 3 W, PVDDL = 5 V, PWR_MODE0 and
PWR_MODE1
85
POUT = 8 W, PVDDL = 5 V, PWR_MODE0 and
PWR_MODE1
88
THD+N
Total Harmonic Distortion and
Noise
POUT = 1 W, fin = 1 kHz
-84
dB
POUT = 1 W, fin = 6.667 kHz
-84
IMD
Inter-Modulation Distortion
ITU-R, 19 kHz / 20 kHz, 1:1: 12.5 W
-83
dB
VN
Idle Channel Noise
A-Weighted, 20 Hz - 20 kHz, PWR_MODE0
42
µV
A-Weighted, 20 Hz - 20 kHz, PWR_MODE2 (3)
34
A-Weghted, 20 Hz - 20 kHz, PWR_MODE1
32
Idle Channel Noise with
Ultrasonic Chirp (100 us duty
cycle, 25 ms period)
A-Weghted, 20 Hz - 20 kHz, PWR_MODE3 (4), 1 VPeak,
Register 0x73 set to E0h
34
FPWM
Class-D PWM Switching
Frequency
Average frequency in Spread Spectrum Mode,
CLASSD_SYNC=0
384
kHz
Fixed Frequency Mode, CLASSD_SYNC=0
384
Fixed Frequency Mode, CLASSD_SYNC=1, fs = 44.1 kHz
and 88.2 kHz
352.8
Fixed Frequency Mode, CLASSD_SYNC=1, fs = 48 kHz and
96 kHz
384
VOS
Output Offset Voltage
Idle Mode
-1.3
±0.3
1.3
mV
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com