Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 44 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 40Page - Texas Instruments TAS2781RYYR Datasheet HTML 41Page - Texas Instruments TAS2781RYYR Datasheet HTML 42Page - Texas Instruments TAS2781RYYR Datasheet HTML 43Page - Texas Instruments TAS2781RYYR Datasheet HTML 44Page - Texas Instruments TAS2781RYYR Datasheet HTML 45Page - Texas Instruments TAS2781RYYR Datasheet HTML 46Page - Texas Instruments TAS2781RYYR Datasheet HTML 47Page - Texas Instruments TAS2781RYYR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
Bit
Field
Type
Reset
Description
2-0
BOP_HLD[2:0]
RW
6h
Brown out prevention hold time
0h = 0 ms
1h = 10 ms
2h = 25 ms
3h = 50 ms
4h = 100 ms
5h = 250 ms
6h = 500 ms (default)
7h = 1000 ms
8.9.27 Page = 0x00 Address = 0x34 [Reset = 06h]
Bit
Field
Type
Reset
Description
7-3
Reserved
R
0h
Reserved
2-1
LVS_FTH_LOW[1:0]
RW
3h
Threshold for LVS when CDS_MODE = 3h
0h = -121.5 dBFS
1h= -101.5 dBFS (default)
2h= -81.5 dBFS
3h = -71.5 dBFS (default)
0
Reserved
R
0h
Reserved
8.9.28 Page = 0x00 Address = 0x35 [Reset = BDh]
Bit
Field
Type
Reset
Description
7-5
NG_HYST_TIMER[2:0]
RW
5h
Noise Gate entry hysteris timer
0h = 400 μs
1h = 600 μs
2h = 800 μs
3h = 2 ms
4h = 10 ms
5h = 50 ms (default)
6h = 100 ms
7h = 1 s
4-3
NG_TH[1:0]
RW
3h
Noise Gate audio threshold level
0h = -90 dBFS
1h = -100 dBFS
2h = -110 dBFS
3h = -120 dBFS (default)
2
NG_EN
RW
1h
Noise Gate
0h = Disabled
1h = Enabled
1-0
Reserved
R
1h
Reserved
8.9.29 Page = 0x00 Address = 0x36 [Reset = ADh]
Bit
Field
Type
Reset
Description
7-6
Reserved
RW
2h
Reserved
5
NG_DVC_RP
RW
1h
Volume ramping on Noise Gate
0h = Enabled
1h = Disabled
4
Reserved
R
0h
Reserved
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
44
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com