Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 53 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 49Page - Texas Instruments TAS2781RYYR Datasheet HTML 50Page - Texas Instruments TAS2781RYYR Datasheet HTML 51Page - Texas Instruments TAS2781RYYR Datasheet HTML 52Page - Texas Instruments TAS2781RYYR Datasheet HTML 53Page - Texas Instruments TAS2781RYYR Datasheet HTML 54Page - Texas Instruments TAS2781RYYR Datasheet HTML 55Page - Texas Instruments TAS2781RYYR Datasheet HTML 56Page - Texas Instruments TAS2781RYYR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
8.9.58 Page = 0x00 Address = 0x67 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-2
Reserved
R
00h
Reserved
1-0
IDCH_HYST[1:0]
RW
0h
Idle channel hysterisis timer
0h = 50 ms (default)
1h = 100 ms
2h = 200 ms
3h = 1000 ms
*For sampling rates fs < 48 ksps multiply the values by 48/fs
8.9.59 Page = 0x00 Address = 0x68 [Reset = 30h]
Bit
Field
Type
Reset
Description
7-6
Reserved
R
0h
Reserved
5-0
FS_RATIO[5:0]
RW
30h
Detected SBCLK to FSYNK ratio. See Table 8-10.
Table 8-10. Detected SBCLK to FSYNC Ratio
00h = 16
01h = 24
02h = 32
03h = 48
04h = 64
05h = 96
06h = 128
07h = 192
08h = 256
09h = 384
0Ah = 512
0Bh = 125
0Ch = 250
0Dh = 500
0Eh - 3Fh = Reserved
8.9.60 Page = 0x00 Address = 0x6A [Reset = 12h]
Bit
Field
Type
Reset
Description
7-6
CDS_DLY[1:0]
RW
0h
Delay (1/fs) of the Y-bridge switching with respect to the input
signal. See Table 8-11.
5-4
LVS_DLY[1:0]
RW
1h
Delay (1/fs) of the PWM_CTRL pin signaling with respect to the
input signal, when Class H is disabled. See Table 8-12.
3-0
LVS_RTH[3:0]
RW
2h
Relative threshold for Low Voltage Signaling (headroom from
PVDDL voltage).
0h = 0.5 V
1h = 0.6 V
2h = 0.7 V
...
Eh = 1.9 V
Fh = 2 V
Table 8-11. CDS Delay (1/fs)
48 ksps
96 ksps
NG Enabled
NG Disabled
NG Enabled
NG Disabled
0h (default)
8.1
6.1
12.6
9.6
1h
7.1
5.1
10.6
7.6
2h
6.1
4.1
8.5
5.6
3h
5.6
3.6
7.6
4.6
Table 8-12. LVS_Delay (1/fs)
48 ksps
96 ksps
NG Enabled
NG Disabled
NG Enabled
NG Disabled
0h
7.8
5.8
12.1
9.1
1h (default)
6.8
4.8
10.1
7.1
2h
5.8
3.8
8.1
5.1
3h
5.1
3.1
6.6
3.6
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com