Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 48 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 44Page - Texas Instruments TAS2781RYYR Datasheet HTML 45Page - Texas Instruments TAS2781RYYR Datasheet HTML 46Page - Texas Instruments TAS2781RYYR Datasheet HTML 47Page - Texas Instruments TAS2781RYYR Datasheet HTML 48Page - Texas Instruments TAS2781RYYR Datasheet HTML 49Page - Texas Instruments TAS2781RYYR Datasheet HTML 50Page - Texas Instruments TAS2781RYYR Datasheet HTML 51Page - Texas Instruments TAS2781RYYR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
8.9.38 Page = 0x00 Address = 0x43 [Reset = 00h]
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
IL_OTPCRC
R
0h
Interrupt due to OTP CRC Error Flag
0h = No interrupt
1h = Interrupt - Device in shutdown
5-3
Reserved
R
0h
Reserved
2
IL_NGA
R
0h
Noise Gate active flag
0h = Noise Gate not detected
1h = Noise Gate detected
1
Reserved
R
0h
Reserved
0
IL_VBATLIM
R
0h
Interrupt due to gain limiter active
0h = No interuupt
1h = Interrupt
8.9.39 Page = 0x00 Address = 0x44 [Reset = 00h]
Bit
Field
Type
Reset
Description
7
IL_PLL_CLK
R
0h
Internal PLL Clock Error
0h = No interrupt
1h = Interrupt - Device in shutdown
6
Reserved
R
0h
Reserved
5
IL_PVDDL_UV
R
0h
PVDDL under voltage
0h = No interrupt
1h = Interrupt - Device in shutdown
4-0
Reserved
R
0h
Reserved
8.9.40 Page = 0x00 Address = 0x47 [Reset = 00h]
Bit
Field
Type
Reset
Description
7
IL_TO105
R
0h
Temperature over 105 ºC
0b = No Interrupt
1b = Interrupt
6
IL_TO115
R
0h
Temperature over 115 ºC
0b = No Interrupt
1b = Interrupt
5
IL_TO125
R
0h
Temperature over 125 ºC
0b = No Interrupt
1b = Interrupt
4
IL_TO135
R
0h
Temperature over 135 ºC
0b = No Interrupt
1b = Interrupt
3
IL_LDO_UV
R
0h
PVDDL internal LDO under voltage
0b = No Interrupt
1b = Interrupt - Device in shutdown
2-1
Reserved
R
0h
Reserved
0
IL_PUVLO
R
0h
PVDDH under voltage
0b = No Interrupt
1b = Interrupt - Device in shutdown
8.9.41 Page = 0x00 Address = 0x48 [Reset = 00h]
Bit
Field
Type
Reset
Description
7
IL_TDTH2
R
0h
Thermal detection threshold 2
0h = No interrupt
1h = Interrupt - Device in shutdown
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
48
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com