Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 27 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 23Page - Texas Instruments TAS2781RYYR Datasheet HTML 24Page - Texas Instruments TAS2781RYYR Datasheet HTML 25Page - Texas Instruments TAS2781RYYR Datasheet HTML 26Page - Texas Instruments TAS2781RYYR Datasheet HTML 27Page - Texas Instruments TAS2781RYYR Datasheet HTML 28Page - Texas Instruments TAS2781RYYR Datasheet HTML 29Page - Texas Instruments TAS2781RYYR Datasheet HTML 30Page - Texas Instruments TAS2781RYYR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
the PFFB_EN register bit (if an external filter that violates the amplifier loop stability is implemented). When
PFFB is disabled, the feedback will be internally routed from the OUTN and OUTP pins of the device.
In the PFFB mode of operation the following conditions have to be met: f0 > 10 MHz and f0/Q > 2.5 MHz (f0 and
Q are the cutoff frequency and the quality factor of the external filter).
8.4.6 Thermal Foldback
The TAS2781 monitors the die temperature and can automatically limit the audio signal when the die
temperature reaches a set threshold. It is recommended to use the thermal fold-back registers to configure
this protection mechanism as the internal DSP will perform the necessary calculation for each register.
Thermal fold-back can be disabled using TFB_EN bit . If the die temperature reaches the value set by
TF_TMP_TH[31:0] bits of register from this feature will begin to attenuate the audio signal to prevent the device
from shutting down due to over-temperature. It will attenuate the audio signal by a value set in TF_SLP[31:0]
register bits over a range of temperature set by TF_TMP_TH[31:0] register bits. The thermal fold-back attack
is set using the TF_ATK[31:0] register bits. A maximum attenuation can be specified using register bits
TF_MAX_ATN[31:0]. However, if the device continue to heat up, eventually the device over-temperature will
be triggered. The attenuation will be held for a number of samples set by register bits TF_HLD[31:0], before the
attenuation will begin releasing.
8.4.7 Over Power Protection
The TAS2781 monitors the temperature of the internal power FETs. If the maximum continue power is high and
power FETs temperature goes above a threshold, an internal protection circuit will trigger a thermal foldback and,
if temperature still incraeses, shutdown the device.
The protection mechanism is based on two thresholds TH1 and TH2. The TH1 threshold is set at a temperature
116 °C higher than the temperature measured by the internal bandgap but not less than 250 °C. The TH1
threshold triggers a thermal foldback.
The TH2 threshold is 40 °C above TH1 and triggers thermal shutdown.
The two detection mechanisms can be disabled by setting to low the bits TG_TH2 and TG_TH1.
8.4.8 Low Battery Protection
For PVDDL supply below 3.4 V the power FETs can go into saturation at higher load currents which could result
in device damage due to the FETs connected to PVDDH going into thermal runaway.
To prevent the damage the OCP limit is adjusted based on PVDDL level measured by the internal SAR ADC.
The table below presents the PVDDL thresholds where the OCP will be adjusted automatically. Lower PVDDL
level will correspond to lower OC limit setting.
Table 8-4. PVDDL Range and Thresholds
PVDDL Range
PVDDL ≥ 3.4 V
3.1 V ≤ PVDDL < 3.4 V
2.9 V ≤ PVDDL < 3.1 V
2.7 V ≤ PVDDL < 2.9 V
The control of OC limit occurs in power modes where PVDDL is supplied externaly and the output is switching
on PVDDH (PWR_MODE0, PWR_MODE1).
8.4.9 Battery Power Limiter
The TAS2781 integrates an algorithm that can control the audio power by regulating the current based on the
battery voltage readout.
The algorithm provides three levels of current based on two levels of battery voltage.
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com