Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 75 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 75 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 71Page - Texas Instruments TAS2781RYYR Datasheet HTML 72Page - Texas Instruments TAS2781RYYR Datasheet HTML 73Page - Texas Instruments TAS2781RYYR Datasheet HTML 74Page - Texas Instruments TAS2781RYYR Datasheet HTML 75Page - Texas Instruments TAS2781RYYR Datasheet HTML 76Page - Texas Instruments TAS2781RYYR Datasheet HTML 77Page - Texas Instruments TAS2781RYYR Datasheet HTML 78Page - Texas Instruments TAS2781RYYR Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
11 Power Supply Recommendations
The power sequence between the supply rails can be applied in any order as long as SDZ pin is held low.
Once all supplies are stable the SDZ pin can be set high to initialize the part. After a hardware or software reset
additional commands to the device should be delayed for at least 1 ms to allow the OTP memory to load (see
section Section 10).
When PVDDL is internally generated (see Section 11.1) it is recommended that the device enters Software
Shutdown mode before entering Hardware Shutdown mode. This ensures that PVDDL pin is discharged using
the internal 5 kOhms pull down resistor (not present in Hardware Shutdown mode).
11.1 Power Supply Modes
The TAS2781 can operate with both PVDDL and PVDDH as supplies or with only PVDDH or PVDDL as supply.
The table below shows different power supply modes of operation depending on the user need.
Table 11-1. Device Configuration and Power Supply Modes
Supply Power Mode
Output
Switching
Mode
Supply
Condition
PVDDL
Mode
Device
Configurations
Use Case and Device Functionality
PWR_MODE0
High Power on
PVDDH
PVDDH>PVDDL
External
PVDDL_MODE=0
CDS_MODE[1:0]=10
PVDDH is the only supply used to
deliver output power.
PWR_MODE1
Y Bridge - High
Power on
PVDDL
PVDDH
External
PVDDL_MODE=0
CDS_MODE[1:0]=00
PVDDL is used to deliver output
power based on level and headroom
configured. When audio signal crosses
a programmed threshold Class-D output
is switched over PVDDH.
PWR_MODE2
Y Bridge - Low
Power on
PVDDL
PVDDH
Internal
PVDDL_MODE=1
CDS_MODE[1:0]=11
PVDDH is the only supply. PVDDL is
delivered by an internal LDO and used
to supply at signals close to idle channel
levels. When audio signal levels crosses
-100dBFS (default), Class-D output
switches to PVDDH.
PWR_MODE3
PVDDL
PVDDL
External
PVDDL_MODE=0
CDS_MODE[1:0]=01
The device can be forced to work out
of a low power rail mode of operation.
For example this can be used for a low
power ultrasonic chirp when audio is not
played.
When PVDDL is external (PWR_MODE0, PWR_MODE1), if PVDDH falls below (PVDDL + 2.5 V) level, the
Y-bridge will stop switching between supplies and will remain on the PVDDH supply.
In PWR_MODE2 user needs to ensure that PVDDH supply level is at least 2.5 V above the PVDDL voltage
generated internally in order to take advantage of Y bridge mode of operation. To enable voltage protection the
under voltage threshold of PVDDH supply should be set above 7.3 V by using register bits PVDD_UVLO[5:0].
This will ensure that, with an internally generated PVDDL of 4.8 V, PVDDH supply is at least 2.5 V higher than
PVDDL.
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com