Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 35Page - Texas Instruments TAS2781RYYR Datasheet HTML 36Page - Texas Instruments TAS2781RYYR Datasheet HTML 37Page - Texas Instruments TAS2781RYYR Datasheet HTML 38Page - Texas Instruments TAS2781RYYR Datasheet HTML 39Page - Texas Instruments TAS2781RYYR Datasheet HTML 40Page - Texas Instruments TAS2781RYYR Datasheet HTML 41Page - Texas Instruments TAS2781RYYR Datasheet HTML 42Page - Texas Instruments TAS2781RYYR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
8.9.14 Page = 0x00 Address = 0x0E [Reset = C2h]
Bit
Field
Type
Reset
Description
7
CLASSH_RES
RW
1h
Class-H resolution
0h = 8 bits
1h = 16 bits
6
VSNS_TX
RW
1h
TDM TX voltage sense transmit
0h = Disabled
1h = Enabled
5-0
VSNS_SLOT[5:0]
RW
2h
TDM TX voltage sense time slot (default = 02h)
8.9.15 Page = 0x00 Address = 0x0F [Reset = 40h]
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
ISNS_TX
RW
1h
TDM TX current sense transmit
0h = Disabled
1h = Enabled
5-0
ISNS_SLOT[5:0]
RW
0h
TDM TX current sense time slot (default = 00h)
8.9.16 Page = 0x00 Address = 0x10 [Reset = 04h]
Bit
Field
Type
Reset
Description
7
SAR_DATA_SL
RW
0h
TDM TX SAR data time slot length
0h = Truncate to 8 bits
1h = Left justify to 16 bits
6
SAR_DATA_TX
RW
0h
TDM TX SAR data transmit enable
0h = Disabled
1h = Enabled
5-0
SR_DATA_SLOT[5:0]
RW
4h
TDM TX SAR time slot (default = 4h)
1. Sequence for 96 ksps: PVDDL, PVDDH, Temp, Marker.
2. Sequence for 192 ksps: PVDDL, PVDDL, PVDDH, PVDDH, Temp, Temp, Marker, Marker.
8.9.17 Page = 0x00 Address = 0x13 [Reset = 08h]
Bit
Field
Type
Reset
Description
7
STAT_SLOT_TG
RW
0h
Over Power STATUS bits - TH1 and TH2
0h = Disabled
1h = Bit [5] from STATUS = TH2 OR-ed with OTS
1h = Bit [6] from STATUS = TH1
6
STATUS_TX
RW
0h
TDM TX status transmit
0h = Disabled
1h = Enabled
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com