Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 4 Page - Texas Instruments

  TAS2781RYYR Datasheet HTML 1Page - Texas Instruments TAS2781RYYR Datasheet HTML 2Page - Texas Instruments TAS2781RYYR Datasheet HTML 3Page - Texas Instruments TAS2781RYYR Datasheet HTML 4Page - Texas Instruments TAS2781RYYR Datasheet HTML 5Page - Texas Instruments TAS2781RYYR Datasheet HTML 6Page - Texas Instruments TAS2781RYYR Datasheet HTML 7Page - Texas Instruments TAS2781RYYR Datasheet HTML 8Page - Texas Instruments TAS2781RYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
NC_V1P8V
17
P
NC_V1P8V = Tied to GND when ICC is not used and when SPI interface is not required,
NC_V1P8V = Tied to 1.8 V supply when ICC is used and when SPI interface is required,
OUTN
29
O
Class-D negative output.
OUTP
3
O
Class-D positive output.
PGND
2
P
Class-D ground. Connect to PCB ground plane.
PVDDH
28
P
Class-D power supply input. Decouple with a capacitor.
PVDDL
27
P
Single-cell battery supply input. Decouple with a capacitor.
PWM_CTRL
11
O
Control pin for external boost converter.
SBCLK
15
I
TDM Serial Bit Clock.
SCL_nSCS
18
I
I2C Mode: Clock pin; pull up to IOVDD with a resistor.
SPI Mode: Active low chip select pin.
SDA_SDI
19
IO
I2C Mode: Data Pin; pull up to IOVDD with a resistor.
SPI Mode: Serial data input pin.
SDIN
13
I
TDM Serial Data Input.
SDOUT
12
IO
TDM Serial Data Output.
SDZ
22
I
Active low hardware shutdown.
VSNSN
1
I
Voltage Sense negative input. Connect to Class-D negative output or after a ferrite bead
filter.
VSNSP
5
I
Voltage Sense positive input. Connect to Class-D positive output or after a ferrite bead filter.
6 Specifications
6.1 Absolute Maximum Ratings
MIN
MAX
UNIT
Supply Voltage
AVDD
-0.3
2
V
IOVDD
-0.3
5
V
NC_V1P8V
-0.3
2
V
PVDDH
-0.3
26
V
PVDDL
-0.3
6
V
PVDDH - PVDDL
-0.3
22
V
Internal Supply Voltage
DREG
-0.3
1.5
V
IO Voltage(1)
SBLK, FSYNK,
SDIN, SDOUT, IRQZ,
SDA_SDI, SCL_nSCS,
PWM_CTRL, SDZ
-0.3
5
V
IO Voltage(1)
NC_SCLK, NC_SDO,
ICC, ADDR
-0.3
2
V
Operating free-air temperature, TA ; Device is functional and reliable, some
performance characteristics may be degraded.
PVDD is 23 V or below -40
85
°C
PVDD higher than 23 V -20
85
°C
Performance free-air temperature, TP ; All performance characteristics are met.
-20
70
°C
Operating junction temperature, TJ
PVDD is 23 V or below -40
150
°C
PVDD higher than 23 V -20
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
All digital inputs and IOs are failsafe.
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com