Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 61 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 61 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 57Page - Texas Instruments TAS2781RYYR Datasheet HTML 58Page - Texas Instruments TAS2781RYYR Datasheet HTML 59Page - Texas Instruments TAS2781RYYR Datasheet HTML 60Page - Texas Instruments TAS2781RYYR Datasheet HTML 61Page - Texas Instruments TAS2781RYYR Datasheet HTML 62Page - Texas Instruments TAS2781RYYR Datasheet HTML 63Page - Texas Instruments TAS2781RYYR Datasheet HTML 64Page - Texas Instruments TAS2781RYYR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
8.9.107 Page = 0x05 Address = 0x34 - 0x37 [Reset = 65AC8C2Fh]
Bit
Field
Type
Reset
Description
31-0
CLH_ST1[31:0]
RW
65AC8C2F
h
Class-H step level 1 set to ST1:
dec2hex[round(ST1*2^31)]
ST1 = margin*(Vm + (15/16)*(VM-Vm))/15.8489
where:
VM = maximum boost output
Vm = minimum boost output
margin = Class-D efficiency
8.9.108 Page = 0x05 Address = 0x38 - 0x3B [Reset = 50C335D3h]
Bit
Field
Type
Reset
Description
31-0
CLH_ST2[31:0]
RW
50C335D3
h
Class-H step level 2 set to ST2:
dec2hex[round(ST2*2^31)]
ST2 = margin*(Vm + (14/16)*(VM-Vm))/15.8489
8.9.109 Page = 0x05 Address = 0x3C - 0x3F [Reset = 4026E73Ch]
Bit
Field
Type
Reset
Description
31-0
CLH_ST3[31:0]
RW
4026E73Ch
Class-H step level 3 set to ST3:
dec2hex[round(ST3*2^31)]
ST3 = margin*(Vm + (13/16)*(VM-Vm))/15.8489
8.9.110 Page = 0x05 Address = 0x40 - 0x43 [Reset = 32F52CFEh]
Bit
Field
Type
Reset
Description
31-0
CLH_ST4[31:0]
RW
32F52CFE
h
Class-H step level 4 set to ST4:
dec2hex[round(ST4*2^31)]
ST4 = margin*(Vm + (12/16)*(VM-Vm))/15.8489
8.9.111 Page = 0x05 Address = 0x44 - 0x47 [Reset = 287A26C4h]
Bit
Field
Type
Reset
Description
31-0
CLH_ST5[31:0]
RW
287A26C4h
Class-H step level 5 set to ST5:
dec2hex[round(ST5*2^31)]
ST5 = margin*(Vm + (11/16)*(VM-Vm))/15.8489
8.9.112 Page = 0x05 Address = 0x48 - 0x4B [Reset = 2026F30Fh]
Bit
Field
Type
Reset
Description
31-0
CLH_ST6[31:0]
RW
2026F30Fh
Class-H step level 6 set to ST6:
dec2hex[round(ST6*2^31)]
ST6 = margin*(Vm + (10/16)*(VM-Vm))/15.8489
8.9.113 Page = 0x05 Address = 0x4C - 0x4F [Reset = 198A1357h]
Bit
Field
Type
Reset
Description
31-0
CLH_ST7[31:0]
RW
198A1357h
Class-H step level 7 set to ST7:
dec2hex[round(ST7*2^31)]
ST7 = margin*(Vm + (9/16)*(VM-Vm))/15.8489
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com