Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 51 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 51 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 47Page - Texas Instruments TAS2781RYYR Datasheet HTML 48Page - Texas Instruments TAS2781RYYR Datasheet HTML 49Page - Texas Instruments TAS2781RYYR Datasheet HTML 50Page - Texas Instruments TAS2781RYYR Datasheet HTML 51Page - Texas Instruments TAS2781RYYR Datasheet HTML 52Page - Texas Instruments TAS2781RYYR Datasheet HTML 53Page - Texas Instruments TAS2781RYYR Datasheet HTML 54Page - Texas Instruments TAS2781RYYR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
Bit
Field
Type
Reset
Description
2
IR_TDMCEIR
R
0h
TDM clock error: invalid SBCLK ratio or sampling rate
0h = No Interrupt
1h = Interrupt
1
IR_TDMCEFC
R
0h
TDM clock error: sampling rate changed on the fly
0h = No Interrupt
1h = Interrupt
0
IR_TDMCERC
R
0h
TDM clock error: SBCLK to FSYNC ratio changed on the fly
0h = No Interrupt
1h = Interrupt
8.9.48 Page = 0x00 Address = 0x52 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
PVDDL_CNV[11:4]
R
00h
Returns SAR ADC PVDDL conversion MSB
8*{hex2dec(PVDDL_CNV[11:0])}/4096
8.9.49 Page = 0x00 Address = 0x53 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-4
PVDDL_CNV[11:4]
R
0h
Returns SAR ADC PVDDL conversion LSB
8*{hex2dec(PVDDL_CNV[11:0])}/4096
3-0
Reserved
R
0h
Reserved
8.9.50 Page = 0x00 Address = 0x54 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
PVDDH_CNV[11:4]
R
00h
Returns SAR PVDDH conversion MSB
23*{hex2dec(PVDDH_CNV[11:0])}/4096
8.9.51 Page = 0x00 Address = 0x55 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-4
PVDDH_CNV[3:0]
R
0h
Returns SAR PVDDH conversion LSBs
23*{hex2dec(PVDDH_CNV[11:0])}/4096
3-0
Reserved
R
0h
Reserved
8.9.52 Page = 0x00 Address = 0x56 [Reset = 00h]
Bit
Field
Type
Reset
Description
7-0
TEMP_CNV[7:0]
R
00h
Returns SAR temperature sensor conversion
{hex2dec(TEMP_CNV[7:0])} - 93
8.9.53 Page = 0x00 Address = 0x5C [Reset = 19h]
Bit
Field
Type
Reset
Description
7
CLK_PWRUD
RW
0h
Clock based device power up/power down feature
0h = Disabled
1h = Enabled
6
DIS_CLK_HALT
RW
0h
Clock halt timer
0h = Enable clock halt detection after clock error
1h = Disable clock halt detection after clock error
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com