Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 63 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 63 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 59Page - Texas Instruments TAS2781RYYR Datasheet HTML 60Page - Texas Instruments TAS2781RYYR Datasheet HTML 61Page - Texas Instruments TAS2781RYYR Datasheet HTML 62Page - Texas Instruments TAS2781RYYR Datasheet HTML 63Page - Texas Instruments TAS2781RYYR Datasheet HTML 64Page - Texas Instruments TAS2781RYYR Datasheet HTML 65Page - Texas Instruments TAS2781RYYR Datasheet HTML 66Page - Texas Instruments TAS2781RYYR Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
8.9.121 Page = 0x05 Address = 0x6C - 0x6F [Reset = 08138561h]
Bit
Field
Type
Reset
Description
31-0
CLH_ST15[31:0]
RW
08138561h
Class-H step level 15 set to ST15:
dec2hex[round(ST15*2^31)]
ST15 = margin*(Vm + (1/16)*(VM-Vm))/15.8489
8.9.122 Page = 0x05 Address = 0x70 - 0x73 [Reset = 08138561h]
Bit
Field
Type
Reset
Description
31-0
CLH_ST16[31:0]
RW
08138561h
Class-H step level 16 set to ST16:
dec2hex[round(ST16*2^31)]
ST16 = margin*Vm/15.8489
8.9.123 Page = 0x05 Address = 0x74 - 0x77 [Reset = 000000BFh]
Bit
Field
Type
Reset
Description
31-0
CLH_DLY[31:0]
RW
000000BFh
Class-H delay HDLY (s)
dec2hex[round(HDLY*fs) - 1]
*Should be less than 4 ms
8.9.124 Page = 0x05 Address = 0x78 - 0x7B [Reset = 0000000Eh]
Bit
Field
Type
Reset
Description
31-0
LVSPR_DLY[31:0]
RW
0000000Eh
Sets LVS Delay to LVDL(s)
dec2hex[round(LVDL* 96k) -1], range: 0 -15, for fs = 48 kHz/96
kHz
round( LVDL* 2*fs) -1, range: 0 -15, for fs < 48k
8.9.125 Page = 0x05 Address = 0x7C - 0x7F [Reset = 66676869h]
Bit
Field
Type
Reset
Description
31-0
BKD_EN[31:0]
RW
66676869h Back door is enabled for any non-zero value
8.9.126 Page = 0x06 Address = 0x08 - 0x0B [Reset = 00000000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_08_01[31:0]
RW
00000000h 8 step Class-H duty cycle is 0 %
8.9.127 Page = 0x06 Address = 0x0C - 0x0F [Reset = 80800000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_08_02[31:0]
RW
80800000h 8 step Class-H duty cycle is 12.5 %
8.9.128 Page = 0x06 Address = 0x10 - 0x13 [Reset = C0C00000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_08_03[31:0]
RW
C0C00000
h
8 step Class-H duty cycle is 25 %
8.9.129 Page = 0x06 Address = 0x14 - 0x17 [Reset = E0E00000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_08_04[31:0]
RW
E0E00000h 8 step Class-H duty cycle is 37.5 %
www.ti.com
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com