Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781RYYR Datasheet(PDF) 64 Page - Texas Instruments

Part # TAS2781RYYR
Description  TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2781RYYR Datasheet(HTML) 64 Page - Texas Instruments

Back Button TAS2781RYYR Datasheet HTML 60Page - Texas Instruments TAS2781RYYR Datasheet HTML 61Page - Texas Instruments TAS2781RYYR Datasheet HTML 62Page - Texas Instruments TAS2781RYYR Datasheet HTML 63Page - Texas Instruments TAS2781RYYR Datasheet HTML 64Page - Texas Instruments TAS2781RYYR Datasheet HTML 65Page - Texas Instruments TAS2781RYYR Datasheet HTML 66Page - Texas Instruments TAS2781RYYR Datasheet HTML 67Page - Texas Instruments TAS2781RYYR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
8.9.130 Page = 0x06 Address = 0x18 - 0x1B [Reset = F0F00000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_08_05[31:0]
RW
F0F00000h 8 step Class-H duty cycle is 50 %
8.9.131 Page = 0x06 Address = 0x1C - 0x1F [Reset = F8F80000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_08_06[31:0]
RW
F8F80000h 8 step Class-H duty cycle is 62.5 %
8.9.132 Page = 0x06 Address = 0x20 - 0x23 [Reset = FCFC0000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_08_07[31:0]
RW
FCFC0000
h
8 step Class-H duty cycle is 75 %
8.9.133 Page = 0x06 Address = 0x24 - 0x27 [Reset = FCFC0000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_08_08[31:0]
RW
FCFC0000
h
8 step Class-H duty cycle is 75 %
For 87.5 % set registers to FEFE0000h
8.9.134 Page = 0x06 Address = 0x28 - 0x2B [Reset = FCFC0000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_08_09[31:0]
RW
FCFC0000
h
8 step Class-H duty cycle is 75 %
For 100 % set registers to FFFF0000h
8.9.135 Page = 0x06 Address = 0x2C - 0x2F [Reset = 00000000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_01[31:0]
RW
00000000h 16 step Class-H duty cycle is 0 %
8.9.136 Page = 0x06 Address = 0x30 - 0x33 [Reset = 80000000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_02[31:0]
RW
80000000h 16 step Class-H duty cycle is 6.25 %
8.9.137 Page = 0x06 Address = 0x34 - 0x37 [Reset = C0000000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_03[31:0]
RW
C0000000h 16 step Class-H duty cycle is 12.5 %
8.9.138 Page = 0x06 Address = 0x38 - 0x3B [Reset = E0000000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_08_04[31:0]
RW
E0000000h 16 step Class-H duty cycle is 18.75 %
8.9.139 Page = 0x06 Address = 0x3C - 0x3F [Reset = F0000000h ]
Bit
Field
Type
Reset
Description
31-0
WVSH_16_05[31:0]
RW
F0000000h 16 step Class-H duty cycle is 25 %
TAS2781
SLOSE86B – JULY 2022 – REVISED JULY 2023
www.ti.com
64
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com