Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 32Page - Renesas Technology Corp M16C/29 Datasheet HTML 33Page - Renesas Technology Corp M16C/29 Datasheet HTML 34Page - Renesas Technology Corp M16C/29 Datasheet HTML 35Page - Renesas Technology Corp M16C/29 Datasheet HTML 36Page - Renesas Technology Corp M16C/29 Datasheet HTML 37Page - Renesas Technology Corp M16C/29 Datasheet HTML 38Page - Renesas Technology Corp M16C/29 Datasheet HTML 39Page - Renesas Technology Corp M16C/29 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 499 page
background image
1. Overview
page 12
p
u
o
r
G
9
2
/
C
6
1
M
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
M16C/29 Group (M16C/29)
PLQP0080KB-A
(80P6Q-A)
(top view)
Figure 1.8 Pin Assignment (Top View) of 80-Pin Package
1 2 3 4 5 6 7
8 9 10 11 12 1314 1516 1718 1920
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
56
P35
P34
P33
P32/SOUT3
P31/SIN3
P37
P67/TXD1
P71/RXD2/SCL2/TA0IN/CLK1
P72/CLK2/TA1OUT/V/RxD1
P73/CTS2/RTS2/TA1IN/V/TxD1
P65/CLK1
P66/RxD1
P64/CTS1/RTS1/CTS0/CLKS1
P70/TXD2/SDA2/TA0OUT/CTS1/RTS1/CTS0/CLKS1
P75/TA2IN/W
P30/CLK3
P74/TA2OUT/W
P76/TA3OUT
P00/AN00
P01/AN01
P02/AN02
P03/AN03
P04/AN04
P05/AN05
P06/AN06
VREF
AVSS
AVcc
P100/AN0
P101/AN1
P102/AN2
P103/AN3
P104/AN4/KI0
P105/AN5/KI1
P106/AN6/KI2
P107/AN7/KI3
P96/AN26/SOUT4
P97/AN27/SIN4
P63/TXD0
P36
NOTE:
1.Set bits PACR2 to PACR0 in the PACR register to "0112" before
signals are input or output to individual pins after reset. When the
PACR register is not set, signals are not input or output for some
1.4 Pin Assignments
Figures 1.7 and 1.8
show the pin assignments (top view).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com