Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 44Page - Renesas Technology Corp M16C/29 Datasheet HTML 45Page - Renesas Technology Corp M16C/29 Datasheet HTML 46Page - Renesas Technology Corp M16C/29 Datasheet HTML 47Page - Renesas Technology Corp M16C/29 Datasheet HTML 48Page - Renesas Technology Corp M16C/29 Datasheet HTML 49Page - Renesas Technology Corp M16C/29 Datasheet HTML 50Page - Renesas Technology Corp M16C/29 Datasheet HTML 51Page - Renesas Technology Corp M16C/29 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 499 page
background image
4. Special Function Registers (SFRs)
p
u
o
r
G
9
2
/
C
6
1
M
page 24
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Address
Register
Symbol
After reset
000016
000116
000216
000316
000416
Processor mode register 0
PM0
0016
000516
Processor mode register 1
PM1
000010002
000616
System clock control register 0
CM0
010010002
000716
System clock control register 1
CM1
001000002
000816
000916
Address match interrupt enable register
AIER
XXXXXX002
000A16
Protect register
PRCR
XX0000002
000B16
000C16
Oscillation stop detection register
(Note 2)
CM2
0X0000102
000D16
000E16
Watchdog timer start register
WDTS
XX16
000F16
Watchdog timer control register
WDC
00XXXXXX2
001016
Address match interrupt register 0
RMAD0
0016
001116
0016
001216
X016
001316
001416
Address match interrupt register 1
RMAD1
0016
001516
0016
001616
X016
001716
001816
001916
Voltage detection register 1
(Note 3,4)
VCR1
000010002
001A16
Voltage detection register 2
(Note 3,4)
VCR2
0016
001B16
001C16
PLL control register 0
PLC0
0001X0102
001D16
001E16
Processor mode register 2
PM2
XXX000002
001F16
Low voltage detection interrupt register
(Note 4)
D4INT
0016
002016
DMA0 source pointer
SAR0
XX16
002116
XX16
002216
XX16
002316
002416
DMA0 destination pointer
DAR0
XX16
002516
XX16
002616
XX16
002716
002816
DMA0 transfer counter
TCR0
XX16
002916
XX16
002A16
002B16
002C16
DMA0 control register
DM0CON
00000X002
002D16
002E16
002F16
003016
DMA1 source pointer
SAR1
XX16
003116
XX16
003216
XX16
003316
003416
DMA1 destination pointer
DAR1
XX16
003516
XX16
003616
XX16
003716
003816
DMA1 transfer counter
TCR1
XX16
003916
XX16
003A16
003B16
003C16
DMA1 control register
DM1CON
00000X002
003D16
003E16
003F16
Note 1: The blank areas are reserved and cannot be used by users.
Note 2: Bits CM20, CM21, and CM27 do not change at oscillation stop detection reset.
Note 3: This register does not change at software reset, watchdog timer reset and oscillation stop detection reset.
Note 4: This registe can not use for T-ver. and V-ver.
X : Undefined
4. Special Function Registers (SFRs)
SFRs (Special Function Registers) are the control registers of peripheral functions. Table 4.1 to 4.11 list the
SFR address map.
Table 4.1 SFR Information (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com