Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 45Page - Renesas Technology Corp M16C/29 Datasheet HTML 46Page - Renesas Technology Corp M16C/29 Datasheet HTML 47Page - Renesas Technology Corp M16C/29 Datasheet HTML 48Page - Renesas Technology Corp M16C/29 Datasheet HTML 49Page - Renesas Technology Corp M16C/29 Datasheet HTML 50Page - Renesas Technology Corp M16C/29 Datasheet HTML 51Page - Renesas Technology Corp M16C/29 Datasheet HTML 52Page - Renesas Technology Corp M16C/29 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 499 page
background image
4. Special Function Registers (SFRs)
p
u
o
r
G
9
2
/
C
6
1
M
page 25
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Address
Register
Symbol
After reset
004016
004116
CAN0 wakeup interrupt control register
C01WKIC
XXXXX0002
004216
CAN0 successful reception interrupt control register
C0RECIC
XXXXX0002
004316
CAN0 successful transmission interrupt control register
C0TRMIC
XXXXX0002
004416
INT3 interrupt control register
INT3IC
XX00X0002
004516
ICOC 0 interrupt control register
ICOC0IC
XXXXX0002
004616
ICOC 1 interrupt control register, I2C bus interface interrupt control register 1
ICOC1IC,IICIC
XXXXX0002
004716
ICOC base timer interrupt control register, SCL/SDA interrupt control register 2
BTIC,SCLDAIC
XXXXX0002
004816
SI/O4 interrupt control register, INT5 interrupt control register
S4IC, INT5IC
XX00X0002
004916
SI/O3 interrupt control register, INT4 interrupt control register
S3IC, INT4IC
XX00X0002
004A16
UART2 Bus collision detection interrupt control register
BCNIC
XXXXX0002
004B16
DMA0 interrupt control register
DM0IC
XXXXX0002
004C16
DMA1 interrupt control register
DM1IC
XXXXX0002
004D16
CAN0 error interrupt control register
C01ERRIC
XXXXX0002
004E16
A/Dconversioninterruptcontrolregister,Keyinputinterruptcontrolregister
(Note 2)
ADIC, KUPIC
XXXXX0002
004F16
UART2 transmit interrupt control register
S2TIC
XXXXX0002
005016
UART2 receive interrupt control register
S2RIC
XXXXX0002
005116
UART0 transmit interrupt control register
S0TIC
XXXXX0002
005216
UART0 receive interrupt control register
S0RIC
XXXXX0002
005316
UART1 transmit interrupt control register
S1TIC
XXXXX0002
005416
UART1 receive interrupt control register
S1RIC
XXXXX0002
005516
TimerA0 interrupt control register
TA0IC
XXXXX0002
005616
TimerA1 interrupt control register
TA1IC
XXXXX0002
005716
TimerA2 interrupt control register
TA2IC
XXXXX0002
005816
TimerA3 interrupt control register
TA3IC
XXXXX0002
005916
TimerA4 interrupt control register
TA4IC
XXXXX0002
005A16
TimerB0 interrupt control register
TB0IC
XXXXX0002
005B16
TimerB1 interrupt control register
TB1IC
XXXXX0002
005C16
TimerB2 interrupt control register
TB2IC
XXXXX0002
005D16
INT0 interrupt control register
INT0IC
XX00X0002
005E16
INT1 interrupt control register
INT1IC
XX00X0002
005F16
INT2 interrupt control register
INT2IC
XX00X0002
006016
CAN0 message box 0: Identifier/DLC
XX16
006116
XX16
006216
XX16
006316
XX16
006416
XX16
006516
XX16
006616
CAN0 message box 0 : Data field
XX16
006716
XX16
006816
XX16
006916
XX16
006A16
XX16
006B16
XX16
006C16
XX16
006D16
XX16
006E16
CAN0 message box 0 : Time stamp
XX16
006F16
XX16
007016
CAN0 message box 1 : Identifier/DLC
XX16
007116
XX16
007216
XX16
007316
XX16
007416
XX16
007516
XX16
007616
CAN0 message box 1 : Data field
XX16
007716
XX16
007816
XX16
007916
XX16
007A16
XX16
007B16
XX16
007C16
XX16
007D16
XX16
007E16
CAN0 message box 1 : Time stamp
XX16
007F16
XX16
Note 1: The blank areas are reserved and cannot be used by users.
Note 2: A/D conversion interrupt control register is effective when the bit1(Interrupt source select register ( address 35Eh IFSR2A)
is set to "0". Key input interrupt control register is effective when the bit1 is set to "1".
X : Undefined
Table 4.2 SFR Information (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com