Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 50Page - Renesas Technology Corp M16C/29 Datasheet HTML 51Page - Renesas Technology Corp M16C/29 Datasheet HTML 52Page - Renesas Technology Corp M16C/29 Datasheet HTML 53Page - Renesas Technology Corp M16C/29 Datasheet HTML 54Page - Renesas Technology Corp M16C/29 Datasheet HTML 55Page - Renesas Technology Corp M16C/29 Datasheet HTML 56Page - Renesas Technology Corp M16C/29 Datasheet HTML 57Page - Renesas Technology Corp M16C/29 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 499 page
background image
4. Special Function Registers (SFRs)
p
u
o
r
G
9
2
/
C
6
1
M
page 30
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Address
Register
Symbol
After reset
020016
CAN0 message control register 0
C0MCTL0
0016
020116
CAN0 message control register 1
C0MCTL1
0016
020216
CAN0 message control register 2
C0MCTL2
0016
020316
CAN0 message control register 3
C0MCTL3
0016
020416
CAN0 message control register 4
C0MCTL4
0016
020516
CAN0 message control register 5
C0MCTL5
0016
020616
CAN0 message control register 6
C0MCTL6
0016
020716
CAN0 message control register 7
C0MCTL7
0016
020816
CAN0 message control register 8
C0MCTL8
0016
020916
CAN0 message control register 9
C0MCTL9
0016
020A16
CAN0 message control register 10
C0MCTL10
0016
020B16
CAN0 message control register 11
C0MCTL11
0016
020C16
CAN0 message control register 12
C0MCTL12
0016
020D16
CAN0 message control register 13
C0MCTL13
0016
020E16
CAN0 message control register 14
C0MCTL14
0016
020F16
CAN0 message control register 15
C0MCTL15
0016
021016
CAN0 control register
C0CTLR
X00000012
021116
XX0X00002
021216
CAN0 status register
C0STR
0016
021316
X00000012
021416
CAN0 slot status register
C0SSTR
0016
021516
0016
021616
CAN0 interrupt control register
C0ICR
0016
021716
0016
021816
CAN0 extended ID register
C0IDR
0016
021916
0016
021A16
CAN0 configuration register
C0CONR
XX16
021B16
XX16
021C16
CAN0 receive error count register
C0RECR
0016
021D16
CAN0 transmit error count register
C0TECR
0016
021E16
CAN0 time stamp register
C0TSR
0016
021F16
0016
024216
CAN0 acceptance filter support register
C0AFS
XX16
024316
XX16
025A16
Three-phase protect control register
TPRC
0016
025B16
025C16
On-chip oscillator control register
ROCR
000001012
025D16
Pin assignment control register
PACR
0016
025E16
Peripheral clock select register
PCLKR
000000112
025F16
CAN0 clock select register
CCLKR
0016
02E016
I2C0 data-shift register
S00
XX16
02E116
02E216
I2C0 address register
S0D0
0016
02E316
I2C0 control register 0
S1D0
0016
02E416
I2C0 clock control register
S20
0016
02E516
I2C0 start/stop condition control register
S2D0
000110102
02E616
I2C0 control register 1
S3D0
001100002
02E716
I2C0 control register 2
S4D0
0016
02E816
I2C0 status register
S10
0001000X2
02FD16
02FE16
02FF16
Note 1: The blank areas are reserved and cannot be used by users.
X : Undefined
~~
~~
~~
~~
~~
~~
~~
~~
Table 4.7 SFR Information (7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com